BL-R2132R
AI

## Overview of the BL-R2132R Module
The **BL-R2132R** is a highly integrated, low-power **Wi-Fi + Bluetooth Combo Module**. It is widely used in IoT devices, smart home appliances, and consumer electronics to provide wireless connectivity.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Main Chipset** | Realtek RTL8723DS |
| **Wi-Fi Standard** | IEEE 802.11b/g/n |
| **Bluetooth Standard** | Bluetooth v2.1/4.2 Dual Mode |
| **Interface** | SDIO 1.1/2.0 (Wi-Fi) / UART (Bluetooth) |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (Wi-Fi) |
| **Operating Voltage** | 3.3V (±0.2V) |
| **Antenna Type** | External (IPEX connector or Stamp hole) |
---
### Core Components and Hardware Architecture
The module consists of several critical electronic sections that allow it to function as a bridge between a host processor and a wireless network:
#### 1. The SoC (System on Chip)
At the heart of the BL-R2132R is the **Realtek RTL8723DS**. This chip integrates:
* **MAC/Baseband Processor:** Handles the framing and timing of data.
* **RF Transceiver:** Manages the conversion of digital data into radio waves and vice versa.
* **Power Management Unit (PMU):** Optimizes energy consumption, making it suitable for battery-operated devices.
#### 2. RF Front-End
* **Band Pass Filter (BPF):** Filters out noise from other frequencies to ensure clear signal reception.
* **Crystal Oscillator:** Usually a 40MHz crystal that provides the clock signal for frequency synthesis and timing.
#### 3. Host Interfaces
The module communicates with a Host (like an ARM processor or a Microcontroller) via:
* **SDIO:** High-speed interface for Wi-Fi data transfer.
* **UART:** Dedicated serial communication for Bluetooth commands and data.
* **PCM/I2S:** Used specifically for digital audio data in Bluetooth applications.
---
### Pin Configuration (Example Snippet)
The module typically uses a "Stamp Hole" (Castellated) package for surface mounting.
```markdown
Pin 1: VDD33 (Power Supply 3.3V)
Pin 2: SD_D3 (SDIO Data Line 3)
Pin 3: SD_D2 (SDIO Data Line 2)
Pin 4: SD_D1 (SDIO Data Line 1)
Pin 5: SD_D0 (SDIO Data Line 0)
Pin 6: SD_CMD (SDIO Command)
Pin 7: SD_CLK (SDIO Clock)
Pin 8: GND (Ground)
```
---
### Applications
* **OTT Boxes:** Providing internet and remote control connectivity.
* **IP Cameras:** Streaming video over Wi-Fi.
* **Smart Speakers:** Bluetooth audio streaming and Wi-Fi control.
* **Industrial PDAs:** Rugged handheld devices requiring wireless data sync.
- ⤷
What are the power consumption levels of the BL-R2132R in deep sleep mode?
- ⤷ Does the BL-R2132R support Linux or Android driver integration?
- ⤷ Can this module support 5GHz Wi-Fi frequencies?