Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BL-R313P_V1

  • AI
    ### Overview of the BL-R313P_V1 The **BL-R313P_V1** is a high-performance, low-power wireless communication module. It is primarily designed as a WLAN (Wireless Local Area Network) solution, commonly used in IoT devices, smart appliances, and networking hardware. --- ### 1. Key Technical Specifications The module is based on the **Realtek RTL8188FTV** chipset. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Operating Voltage** | 3.3V +/- 0.2V | | **Data Rate** | Up to 150Mbps (802.11n) | | **Antenna Type** | External (via IPEX/MHF connector or solder pad) | --- ### 2. Main Electronic Components The PCB (Printed Circuit Board) assembly of the BL-R313P_V1 consists of several critical stages: #### A. The SoC (System on Chip) The heart of the module is the **RTL8188FTV**. This single-chip solution integrates: * **MAC** (Media Access Control) * **Baseband Processor** * **RF Transceiver** * **Power Management Unit** (PMU) #### B. The Crystal Oscillator Typically a **40MHz crystal**, this component provides the reference clock signal necessary for the RF frequency synthesis and stable operation of the digital logic. #### C. RF Front-End * **Band Pass Filter (BPF):** Suppresses out-of-band interference. * **Impedance Matching Network:** A series of capacitors and inductors designed to match the 50-ohm impedance required for the antenna output to maximize power transfer. #### D. Power Management The module uses **LDO (Low Dropout) regulators** and decoupling capacitors (usually 0.1µF and 10µF) to filter noise from the 3.3V supply, ensuring the wireless signal remains stable. --- ### 3. Pinout and Connectivity The module usually features a 4-pin to 6-pin interface for system integration: 1. **VDD (3.3V):** Power Input. 2. **USB_D-:** USB Data Negative. 3. **USB_D+:** USB Data Positive. 4. **GND:** Ground. 5. **RF_ANT:** Output for the Wi-Fi signal. 6. **CH_EN / SUSPEND:** Power down or wake-up control (model specific). --- ### 4. Hardware Implementation Tips * **Power Stability:** The RTL8188FTV is sensitive to voltage ripples. Ensure the power trace is wide enough and place bypass capacitors close to the VDD pin. * **Antenna Placement:** Keep the antenna area clear of metal shielding or large copper pours to avoid signal attenuation. * **USB Differential Pairs:** The D+ and D- traces should be routed with **90-ohm differential impedance** to prevent data errors.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for this module in Sleep vs. Active mode?
    • ⤷ Does the BL-R313P_V1 support Soft-AP (Access Point) mode for IoT setup?
    • ⤷ How does the RTL8188FTV chipset compare to the ESP8266 in terms of performance?