Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BL-R4530A-T

  • AI
    ## Overview of BL-R4530A-T The **BL-R4530A-T** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed to provide wireless connectivity for IoT devices, smart home appliances, and industrial controllers. It is typically based on the **Realtek RTL8733BU** (or similar RTL series) chipset. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8733BU | | **Interface** | USB 2.0 (High Speed) | | **Wi-Fi Standards** | IEEE 802.11 b/g/n (1T1R) | | **Bluetooth Standard** | Bluetooth 5.2 / 5.0 (Dual Mode) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External Antenna via I-PEX/MHF connector or Printed PCB | | **Modulation** | DSSS, OFDM, DBPSK, DQPSK, CCK | --- ### 2. Core Electronic Components The module's architecture consists of several critical electronic segments: * **RF Front-End:** Includes the Power Amplifier (PA) for transmitting signals and the Low Noise Amplifier (LNA) for receiving weak signals. * **Baseband Processor:** Handles the physical layer (PHY) and Media Access Control (MAC) protocols for both Wi-Fi and Bluetooth. * **Crystal Oscillator:** Usually a **40MHz crystal** that provides the reference clock for the frequency synthesizer. * **Power Management (PMU):** Internal LDOs (Low Dropout Regulators) that convert the 3.3V input to the lower voltages required by the core logic (usually 1.1V or 1.8V). * **USB Interface:** A 4-pin configuration (VCC, D-, D+, GND) that allows the module to communicate with a host processor (like an ARM Cortex or x86 CPU). --- ### 3. Pin Definition (Typical) While specific layouts can vary slightly by board revision, the standard pinout for this module class includes: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V Main Power Supply | | **USB_D-** | Data | USB Differential Pair (Negative) | | **USB_D+** | Data | USB Differential Pair (Positive) | | **GND** | Power | Ground | | **CHIP_EN** | Control | Module Enable / Reset (High = Active) | | **BT_PCM** | Audio | Bluetooth PCM interface for voice applications | --- ### 4. Implementation Considerations 1. **Power Stability:** The module requires a stable 3.3V source. Decoupling capacitors (typically 10uF and 0.1uF) should be placed as close to the VDD pin as possible to filter high-frequency noise. 2. **RF Trace Impedance:** If using the external antenna pin, the PCB trace must be designed with a **50-ohm characteristic impedance** to prevent signal reflection and loss. 3. **USB Layout:** The USB D+ and D- lines should be routed as a differential pair with 90-ohm differential impedance. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for this module in sleep vs. active mode?
    • ⤷ Does the BL-R4530A-T support Linux and Android driver integration?
    • ⤷ Can this module operate in AP (Access Point) and Station mode simultaneously?