Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BL-R5131

  • AI
    The **BL-R5131** is a high-performance, low-power wireless communication module based on the **Realtek RTL8188EUS** chipset. It is designed to provide 802.11b/g/n Wi-Fi connectivity for devices requiring a small form factor and USB interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 1.1 / 2.0 | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna Type** | External (via Pin) or PCB Trace | --- ### 2. Main Electronic Components The module integrates several critical sub-components into a single PCB: #### A. The Main SoC (RTL8188EUS) The "brain" of the module. It handles the Medium Access Control (MAC), Baseband Processing (BB), and the RF Radio functions. It is highly integrated to reduce the need for external components. #### B. Crystal Oscillator (40MHz) This provides the precise clock frequency required for the RF radio and the internal processor to function synchronously. #### C. Power Management Unit (PMU) The module contains internal Low-Dropout Regulators (LDOs) to convert the 3.3V input into the lower voltages required by the core logic (usually around 1.0V to 1.2V). #### D. RF Front End - **Power Amplifier (PA):** Boosts the signal for transmission. - **Low Noise Amplifier (LNA):** Sensitive component that amplifies weak incoming signals. - **RF Switch:** Toggles the antenna between transmit (TX) and receive (RX) modes. --- ### 3. Pinout and Connectivity The BL-R5131 usually utilizes a 4-pin to 6-pin connection layout for integration into larger PCBs: 1. **VDD (3.3V):** Power supply input. 2. **USB_D-:** USB data differential pair (Negative). 3. **USB_D+:** USB data differential pair (Positive). 4. **GND:** Ground. 5. **RF_ANT:** Output pin for the Wi-Fi antenna (if not using a built-in ceramic antenna). 6. **CHIP_EN/WPS:** Optional pins for module reset or hardware security setup. --- ### 4. Applications Due to its low power consumption and high integration, it is commonly found in: * **IP Cameras:** For wireless video streaming. * **Set-Top Boxes (STB):** Providing internet access to TVs. * **IoT Gateways:** Acting as a bridge between local sensors and the cloud. * **Portable Media Players:** Enabling wireless file transfers.
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for the RTL8188EUS chipset in Linux?
    • ⤷ Does the BL-R5131 support soft-AP mode for creating a hotspot?
    • ⤷ What is the typical power consumption of this module during active transmission?