BL-R5131K
AI

## Overview of the BL-R5131K
The **BL-R5131K** is a low-cost, high-performance IEEE 802.11b/g/n wireless LAN (Wi-Fi) module. It is designed based on the **Realtek RTL8188FTV** chipset and is widely used in smart devices, OTT boxes, and IP cameras.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188FTV |
| **Interface** | USB 2.0 |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n |
| **Data Rate** | Up to 150Mbps (802.11n) |
| **Operating Voltage** | 3.3V ±0.2V |
| **Antenna Type** | External (requires connection via pin or IPEX) |
---
### 2. Main Electronic Components
The module is composed of several critical electronic sections that handle data processing and radio frequency (RF) transmission:
1. **RTL8188FTV IC:** The "brain" of the module. It integrates the MAC, Baseband, and Radio Front-End into a single chip.
2. **Crystal Oscillator (XTAL):** Usually a 40MHz crystal that provides the clock signal necessary for the timing of the Wi-Fi radio and processor.
3. **Low-Dropout Regulator (LDO):** Manages internal voltage levels to ensure stability even if the 3.3V input fluctuates slightly.
4. **EEPROM / Flash:** Stores specific configuration data, MAC addresses, and calibration parameters for the radio.
5. **RF Filter & Matching Circuit:** Passive components (inductors and capacitors) that ensure the signal is clean and matches the 50-ohm impedance required for the antenna.
---
### 3. Pinout Description
Typical pin configurations for the BL-R5131K (6-pin or 4-pin variations) are as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **3.3V** | Power Supply |
| 2 | **DM** | USB Data - |
| 3 | **DP** | USB Data + |
| 4 | **GND** | Ground |
| 5 | **CHIP_EN** | Chip Enable (Active High) |
| 6 | **ANT** | RF Output (To Antenna) |
---
### 4. Implementation Code Example
To initialize this module in a Linux-based system, you typically need the `rtl8188fu` driver. Below is a command sequence to check if the module is recognized by the electronic host:
```bash
# Check if the USB device is detected
lsusb
# Typical output should show Realtek Semiconductor Corp.
# ID 0bda:f179 Realtek Semiconductor Corp.
# Check if the driver (module) is loaded
lsmod | grep 8188
```
---
- ⤷
What are the power consumption levels during active transmission?
- ⤷ How do I interface the BL-R5131K with a microcontroller like ESP32 or STM32?
- ⤷ Does this module support both Station and Access Point modes?