Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BL-R513P_V2

  • AI
    The **BL-R513P_V2** is a compact, high-performance IEEE 802.11b/g/n wireless module based on the **Realtek RTL8188EUS** or **RTL8188PTV** chipset (depending on the specific production batch). It is designed to provide Wi-Fi connectivity to embedded devices via a USB interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS / RTL8188PTV | | **Interface** | USB 2.0 (High Speed) | | **Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400 ~ 2.4835 GHz | | **Data Rate** | Up to 150Mbps | | **Operating Voltage** | 3.3V DC ±0.2V | | **Antenna** | External (via I-PEX/MHF connector or Solder Pad) | --- ### 2. Electronic Component Breakdown The module consists of several critical sub-sections that allow it to function as a standalone Wi-Fi adapter: #### A. Main IC (Realtek RTL8188) * **MAC/Baseband Processor:** Handles the 802.11 protocol stack. * **RF Transceiver:** Integrates the Power Amplifier (PA) and Low Noise Amplifier (LNA) to minimize external component count. #### B. Power Management * **LDO (Low Dropout Regulator):** Usually integrated or placed near the input to stabilize the 3.3V rail. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) are placed near the VCC pins to filter high-frequency noise and ensure stable operation. #### C. Frequency Reference * **Crystal Oscillator:** A 40MHz crystal is typically used to provide the clock signal for the radio and processor. This is essential for maintaining frequency stability. #### D. RF Front-End * **Band Pass Filter (BPF):** Filters out out-of-band signals and harmonics to meet regulatory standards (FCC/CE). * **Impedance Matching:** A network of inductors and capacitors (LC circuit) matches the 50-ohm impedance between the IC and the antenna port. --- ### 3. Pinout Description The module usually features a 4-pin or 6-pin interface for easy integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **USB_D-** | USB Data Negative | | 3 | **USB_D+** | USB Data Positive | | 4 | **GND** | Ground | | 5 | **RF_ANT** | RF Output (if not using I-PEX) | | 6 | **CHIP_EN** | Chip Enable (Active High) | --- ### 4. Implementation Example To interface this module with a microcontroller or Linux-based Single Board Computer (SBC), the physical connection is straightforward: ```python # Conceptual connection for a Linux SBC # 1. Connect VCC to 3.3V # 2. Connect GND to GND # 3. Connect USB D+/D- to the CPU's USB pins # 4. Load the driver: # $ modprobe 8188eu ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical power consumption of the BL-R513P_V2 during active transmission?
    • ⤷ Does this module support both Station and Access Point (AP) modes simultaneously?
    • ⤷ What are the common antenna options for the V2 hardware revision?