Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BQ20Z95DBT

  • AI
    ## BQ20Z95DBT Technical Overview The **BQ20Z95DBT** is a highly integrated fuel gauge IC (Integrated Circuit) designed primarily for Li-Ion and Li-Polymer battery packs. It uses **Impedance Track™ technology** to provide accurate battery capacity measurements. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Package** | 38-Pin TSSOP | | **Chemistry** | Li-Ion, Li-Polymer | | **Cell Count** | 2-series to 4-series cells | | **Communication** | SMBus v1.1 | | **Operating Voltage** | 3.0V to 25V | | **Main Technology** | Impedance Track™ (IT) | --- ### 2. Core Functional Components The IC is divided into several internal subsystems that manage the health and safety of the battery pack: #### A. The Gas Gauge (Impedance Track™) Unlike traditional "Coulomb counting" (which only measures current in and out), Impedance Track technology models the internal impedance of the cells. This allows the IC to: * Predict remaining capacity with less than 1% error. * Adjust for battery aging and temperature fluctuations. * Calculate the **State of Health (SoH)** and **State of Charge (SoC)**. #### B. Analog Front End (AFE) The BQ20Z95 includes a high-resolution ADC (Analog-to-Digital Converter) for: * **Voltage Sensing:** Individual monitoring of each cell (up to 4 cells). * **Current Sensing:** Measuring discharge and charge currents via a low-side sense resistor. * **Temperature Sensing:** Input for NTC thermistors. #### C. Protection Circuitry The chip acts as a first line of defense, managing external MOSFETs to protect against: * Overcharge / Over-discharge. * Overcurrent (Short circuit). * Over-temperature. --- ### 3. Pin Configuration Highlights Selected critical pins for circuit design: | Pin Name | Function | | :--- | :--- | | **VC1 - VC4** | Cell voltage sensing inputs for individual cells. | | **SRN / SRP** | Differential inputs for the current sense resistor. | | **CHG / DSG** | Gate drivers for the external Charge and Discharge MOSFETs. | | **SMBD / SMBC** | SMBus Data and Clock lines for communication with the host. | | **TS1 / TS2** | Thermistor inputs for temperature monitoring. | --- ### 4. Implementation Example (Basic Logic) To interface with the BQ20Z95, a designer typically follows this logic flow: ```c // Pseudo-code for reading Battery Percentage via SMBus void readBatteryLevel() { uint8_t command = 0x0D; // SMBus command for RelativeStateOfCharge uint16_t batteryPercent; batteryPercent = SMBus_ReadWord(BQ20Z95_ADDR, command); printf("Battery Level: %d%%\n", batteryPercent); } ``` --- ### 5. Application Areas * **Notebook PCs:** The most common use case for smart battery packs. * **Medical Equipment:** Portable devices requiring precise runtime estimates. * **Industrial Handhelds:** Rugged devices needing high-reliability power management.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Impedance Track and standard Coulomb counting?
    • ⤷ How do I calibrate the BQ20Z95 for a specific battery pack?
    • ⤷ What external MOSFETs are recommended for use with the BQ20Z95?