BQ27Z561-R2
AI

## Overview of the BQ27Z561-R2
The **BQ27Z561-R2** is a highly integrated, single-cell Impedance Track™ fuel gauge and protection solution. It is designed for lithium-ion (Li-Ion) and lithium-polymer (Li-Poly) battery packs, providing high-accuracy monitoring and advanced safety features.
---
### Key Electronic Functional Blocks
| Component Block | Description |
| :--- | :--- |
| **Fuel Gauge Engine** | Utilizes the patented **Impedance Track™ algorithm** to provide real-time State-of-Charge (SoC) and State-of-Health (SoH) data. |
| **ADC (Analog-to-Digital)** | High-resolution 16-bit Delta-Sigma ADC for precise voltage, current, and temperature measurement. |
| **Integrated Protection** | Built-in high-side N-channel FET drivers to prevent overcharge, over-discharge, short-circuits, and extreme temperatures. |
| **Authentication** | Includes SHA-1/HMAC authentication to ensure only authorized battery packs are used with the host device. |
| **Communication Interface** | Primarily uses **I2C** for communicating with the host processor. |
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Supported Cell Chemistry** | Li-Ion, Li-Poly, LiFePO4 |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Communication Protocol** | I2C (up to 400 kHz) |
| **Current Sensing** | External sense resistor (typically 1 mΩ to 10 mΩ) |
| **Package Type** | 12-ball DSBGA (1.6 mm x 2.0 mm) |
---
### Pin Configuration and Functionality
The device uses a compact **12-ball grid array**. Below are the primary pins involved in the electronic operation:
1. **VC1/BAT:** Connects to the positive terminal of the single-cell battery for voltage sensing and power.
2. **SRP/SRN:** Differential input pins connected across the sense resistor to measure charging and discharging current.
3. **SCL/SDA:** Standard I2C clock and data lines for host communication.
4. **CHG/DSG:** High-side FET control pins that drive the protection MOSFETs to disconnect the battery during fault conditions.
5. **TS1:** Input for an external NTC thermistor to monitor cell temperature.
---
### Operating Modes
The BQ27Z561-R2 manages power consumption through three distinct electronic states:
* **NORMAL Mode:** The device performs continuous measurements and provides real-time updates.
* **SLEEP Mode:** The device performs periodic measurements at a reduced rate to save power while maintaining SoC accuracy.
* **SHUTDOWN Mode:** A ultra-low power state where the protection FETs are turned off to prevent battery drain during long-term storage.
- ⤷
How does the Impedance Track algorithm differ from traditional coulomb counting?
- ⤷ What are the specific protection thresholds for the BQ27Z561-R2?
- ⤷ Can you provide a typical application circuit diagram description for this IC?