Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • BXHF1090

  • AI
    Based on available industry data, the **BXHF1090** is typically associated with high-frequency power electronics, specifically used as a **High-Frequency Transformer** or an **Inductor** component, often found in power supply modules or RF (Radio Frequency) filtering applications. --- ### 1. Component Overview The BXHF1090 is designed for high-density power conversion. It is characterized by its compact footprint and ability to handle high-frequency switching without significant core loss. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | HF Transformer / Power Inductor | | **Core Material** | Ferrite (High Permeability) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) | | **Application** | DC-DC Converters, LED Drivers, Telecommunications | | **Operating Frequency** | 100 kHz - 1 MHz+ | --- ### 2. Key Electronic Characteristics These parts are engineered to manage electromagnetic interference (EMI) and power efficiency: * **Low DC Resistance (DCR):** Minimized copper losses to ensure the component does not overheat during high current draws. * **Saturation Current:** Designed with a specific saturation margin to prevent the core from losing its inductive properties under peak loads. * **Thermal Stability:** The insulation and core materials are rated for industrial temperature ranges (typically -40°C to +125°C). --- ### 3. Common Use Cases The BXHF1090 series is frequently integrated into the following circuits: 1. **Switch Mode Power Supplies (SMPS):** Acts as the energy storage element or voltage transformer. 2. **EMI Suppression:** Used in line filters to block high-frequency noise from entering or exiting a device. 3. **Signal Coupling:** In some RF variants, used to match impedance between different stages of a circuit. --- ### 4. Technical Diagram Representation In a schematic, this part is represented by the standard transformer or inductor symbol: ```text Primary Secondary (Input side) (Output side) --| |------------| |--- | | 核心 (Core) | | --| |------------| |--- ``` ---
    ✨ Follow-up Questions
    • What is the exact saturation current rating for the BXHF1090?
    • Can the BXHF1090 be used in automotive-grade electronics?
    • What are the recommended soldering profiles for this specific component?