Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CDS19FD162J03

  • AI
    The **CDS19FD162J03** is a high-precision, high-reliability silver mica capacitor. These components are primarily used in RF (Radio Frequency) circuits, timing, and high-stability applications due to their excellent temperature coefficient and low losses. --- ### 1. Technical Specifications The part number follows a specific coding structure that defines its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Capacitance** | 1600 pF (1.6 nF) | | **Tolerance** | ±5% (indicated by 'J') | | **Voltage Rating** | 500 VDC | | **Dielectric Material** | Silver Mica | | **Operating Temperature** | -55°C to +125°C | | **Case Type** | Dipped (Standard CD19 size) | | **Termination** | Radial Leads | --- ### 2. Key Characteristics Silver mica capacitors like the CDS19 series offer several advantages over ceramic or electrolytic types: * **High Stability:** They exhibit very little change in capacitance over time or with changes in voltage and temperature. * **Low Dissipation Factor:** They have extremely low losses at high frequencies, making them ideal for resonant circuits. * **Precision:** The silvering process on the mica sheets allows for very tight tolerances during manufacturing. * **Voltage Endurance:** Rated for 500V, they are robust against voltage spikes compared to standard low-voltage surface mount components. --- ### 3. Common Applications Due to its 1600 pF value and 500V rating, this part is typically found in: 1. **RF Oscillators:** Used to set the frequency in radio transmitters and receivers. 2. **Filter Networks:** Employed in low-pass, high-pass, or band-pass filters where sharp cutoff and stability are required. 3. **Snubber Circuits:** Used in power electronics to suppress voltage transients. 4. **Audio Equipment:** Sometimes used in high-end audio crossovers or tube amplifiers for their "transparent" electrical properties. --- ### 4. Physical Dimensions (CD19 Case) While dimensions can vary slightly by manufacturer (commonly Cornell Dubilier), the standard CD19 package generally follows these bounds: ```text Width (Max): ~16.5 mm (0.650") Height (Max): ~12.7 mm (0.500") Thickness: ~6.4 mm (0.250") Lead Spacing: ~8.7 mm (0.344") ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between silver mica and ceramic C0G/NP0 capacitors?
    • ⤷ Can this capacitor be used in AC power applications instead of DC?
    • ⤷ Who are the primary manufacturers for the CDS19 series?