CJ121003JB
AI

The part number **CJ121003JB** refers to a high-performance **Chip NTC (Negative Temperature Coefficient) Thermistor** manufactured by **Chenyi Electronics (CJ)**. These components are primarily used for temperature sensing, compensation, and circuit protection.
### 1. Technical Specifications
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Manufacturer** | CJ (Chenyi Electronics) | Specialized in circuit protection components. |
| **Type** | NTC Thermistor | Resistance decreases as temperature increases. |
| **Package Size** | 1210 | Surface Mount Device (SMD) - 3.2mm x 2.5mm. |
| **Resistance (R25)** | 10k $\Omega$ | Resistance measured at 25°C. |
| **Tolerance** | $\pm$ 5% (J) | Accuracy level of the base resistance. |
| **B-Constant** | ~3950K - 4100K | Defines the sensitivity curve of the thermistor. |
---
### 2. Internal Structure and Material
The CJ121003JB is a **Multi-layer Ceramic Device**. Its construction allows for a compact footprint while maintaining high reliability:
* **Body:** Semiconductor ceramic material (Transition metal oxides like Mn, Ni, Cu).
* **Electrodes:** Internal silver (Ag) layers with external termination consisting of Silver, Nickel, and Tin (Sn) plating to ensure excellent solderability.
---
### 3. Key Features
* **High Sensitivity:** Significant change in resistance for small temperature fluctuations.
* **Excellent Solderability:** The Ni-barrier termination prevents leaching during soldering.
* **Fast Response:** The 1210 SMD package has low thermal mass, allowing it to react quickly to environment changes.
* **Stability:** High aging stability for long-term circuit accuracy.
---
### 4. Common Applications
This specific thermistor is widely utilized in the following sectors:
1. **Rechargeable Batteries:** Monitoring cell temperature during charging/discharging in Li-ion battery packs.
2. **LCD Displays:** Temperature compensation for contrast control.
3. **Mobile Devices:** Overheating protection for CPUs and power management ICs.
4. **Automotive Electronics:** Ambient temperature sensing for infotainment and climate control systems.
---
### 5. Simple Testing Circuit
To use this part, it is typically placed in a voltage divider configuration:
```cpp
// VCC --- [Fixed Resistor 10k] --- V_out --- [CJ121003JB] --- GND
// V_out is measured by an Analog-to-Digital Converter (ADC)
```
- ⤷
How do I calculate the temperature from the resistance value of this thermistor?
- ⤷ What are the soldering profile recommendations for the 1210 package?
- ⤷ Can this part be used for inrush current limiting?