CM252016-R56M
AI

The **CM252016-R56M** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency circuits. Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by manufacturers like **Bourns** or **TDK**:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Inductor (Wire-wound) |
| **252016** | Case Size | Dimensions: 2.5mm x 2.0mm x 1.6mm (Metric) |
| **R56** | Inductance Value | **0.56 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
---
### 2. Technical Specifications
These components are designed for signal processing and power management in small devices.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% |
| **Test Frequency** | Typically 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | ~250 MHz - 450 MHz (Minimum) |
| **DC Resistance (DCR)** | ~0.55 - 0.70 Ohms (Max) |
| **Rated Current (Idc)** | ~300 mA - 450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical Construction
* **Core Material:** Usually Ferrite or Alumina Ceramic. Ferrite provides higher inductance and current handling, while Ceramic is used for higher frequency stability.
* **Termination:** Tin-plated copper (lead-free/RoHS compliant) for easy soldering.
* **Structure:** Wire-wound. A copper wire is wrapped around a core, offering a higher "Q" factor (quality factor) and lower DC resistance compared to multilayer inductors.
---
### 4. Key Applications
Because of its small footprint and specific inductance, the CM252016-R56M is typically found in:
1. **RF Circuits:** Used for impedance matching and signal filtering in wireless communication modules.
2. **DC-DC Converters:** Acts as an energy storage element in low-power voltage regulators.
3. **EMI Suppression:** Filters out high-frequency noise in mobile phones, cameras, and GPS units.
4. **Audio/Video:** Decoupling and signal conditioning in portable electronics.
---
### 5. Soldering and Handling
* **Mounting:** Designed for automated pick-and-place assembly.
* **Reflow Profile:** Compatible with standard lead-free reflow profiles (J-STD-020).
* **Moisture Sensitivity:** Generally rated at MSL 1 (unlimited floor life).
- ⤷
What is the difference between wire-wound and multilayer inductors in this size?
- ⤷ Can I substitute a 10% tolerance (K) part for this 20% (M) part?
- ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?