Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CS-36-R

  • AI
    The **CS-36-R** typically refers to a high-quality **Current Sensor** (often a split-core or solid-core current transformer) or a specific series of **Limit Switches/Sensors** used in industrial automation. Based on common industrial specifications, here is an explanation of its electronic components and functionality. --- ## 1. Core Electronic Components The device is comprised of several critical parts that allow it to detect and transmit signals based on physical or electrical changes. | Component | Function | | :--- | :--- | | **Sensing Element** | Typically a Hall Effect sensor or a Reed Switch that detects magnetic fields or physical movement. | | **Magnetic Core** | (In CT versions) A ferrite or silicon steel core that concentrates the magnetic flux from a primary conductor. | | **Signal Conditioner** | Internal circuitry that converts the raw analog signal into a usable output (0-5V, 4-20mA, or a contact closure). | | **LED Indicator** | Often included to show power status or "tripped" status for easy troubleshooting. | | **Protection Circuitry** | Includes Zener diodes or Varistors to protect against voltage spikes and transients. | --- ## 2. Technical Specifications The electronic behavior of the CS-36-R series usually follows these parameters: ### Electrical Output * **Switching Type:** Usually "Normally Open" (NO) or "Normally Closed" (NC). * **Voltage Range:** Typically supports 5V to 240V AC/DC depending on the specific sub-model. * **Current Rating:** Designed to handle low-current signal switching (often < 100mA). ### Sensing Capabilities * **Response Time:** Rapid switching, often in the millisecond (ms) range. * **Hysteresis:** Built-in electronic lag to prevent "chattering" or rapid flickering when the signal is near the threshold. --- ## 3. Wiring Configuration Most CS-36-R sensors utilize a standard 2-wire or 3-wire electronic interface: ```yaml Standard Wiring: - Brown: Positive (+) / Line - Blue: Negative (-) / Neutral - Black: Output Signal (For 3-wire PNP/NPN versions) ``` --- ## 4. Operational Principle 1. **Detection:** The sensing element detects the presence of a magnetic field (from a piston or magnet) or the flow of current. 2. **Conversion:** The internal semiconductor or mechanical reed interprets this as a "logic high" or "closed circuit." 3. **Transmission:** The output leads send this signal to a PLC (Programmable Logic Controller) or a relay to trigger an industrial action.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the CS-36-R?
    • ⤷ Is the CS-36-R a reed switch or a solid-state Hall Effect sensor?
    • ⤷ How do you troubleshoot a CS-36-R sensor that is not triggering?