Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CSS22

  • AI
    It appears you are referring to the **CSS22**, which is likely a reference to a specific series of **Current Sense Resistors** (often manufactured by companies like Stackpole Electronics or Bourns) or potentially a specialized power component. Current sense resistors are critical electronic parts used to monitor current flow in a circuit by converting current into a measurable voltage drop. --- ## 1. Core Technical Specifications These parts are designed for high-precision power management. Typical characteristics for a CSS22 (or similar 2212/2512 size) part include: | Feature | Typical Value/Description | | :--- | :--- | | **Component Type** | Metal Foil / Metal Strip Current Sense Resistor | | **Package Size** | 2212 or 2512 (Surface Mount Device) | | **Power Rating** | 1W to 3W (depending on heat dissipation) | | **Resistance Range** | Very Low (0.25 mΩ to 100 mΩ) | | **Tolerance** | ±1% or ±5% | | **TCR** | ±15 ppm/°C to ±50 ppm/°C (Temperature Coefficient) | --- ## 2. Key Internal Components & Materials The construction of a CSS22 series part differs from standard "thick film" resistors to ensure stability under high heat. ### A. Resistive Element * **Material:** Usually a Manganese-Copper or Nickel-Chrome alloy. * **Function:** Provides a very stable, low-resistance path for high currents. ### B. Substrate and Coating * **Heat Sink:** Ceramic or specialized metal substrates are used to pull heat away from the resistive element. * **Protective Layer:** A high-temperature epoxy or silicone coating protects the element from oxidation and moisture. ### C. Terminations * **Composition:** Large, often tin-plated copper terminals. * **Importance:** Large terminals reduce "parasitic resistance" and ensure the voltage measurement is taken exactly across the resistive material (Kelvin connection style). --- ## 3. Principles of Operation The part works based on **Ohm's Law ($V = I \times R$)**. 1. **Current Flow:** The full current of the load passes through the CSS22. 2. **Voltage Drop:** Because the resistance ($R$) is known and extremely low, it generates a tiny voltage drop ($V$). 3. **Measurement:** An Integrated Circuit (IC) monitors this voltage to determine if the battery is charging correctly or if a motor is drawing too much power. --- ## 4. Common Applications Because of their high power handling and precision, these parts are found in: * **Battery Management Systems (BMS):** Measuring charge/discharge cycles in laptops and EVs. * **DC-DC Converters:** Controlling power output in telecommunications. * **Motor Controllers:** Detecting "stall" conditions or overcurrent. * **Power Inverters:** Converting DC to AC while monitoring load safety. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a thick film and a metal strip resistor?
    • ⤷ How do you calculate the power dissipation of a CSS22 resistor?
    • ⤷ What is a Kelvin connection in current sensing?