Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CT-11-R

  • AI
    The **CT-11-R** is a specific type of **Current Transformer (CT)** commonly used in industrial automation, power monitoring, and protection circuits. It is designed to step down high currents to a lower, measurable value for electronic instruments. Below is a breakdown of its electronic characteristics and components. --- ## 1. Technical Specifications The "R" in CT-11-R typically denotes a specific mounting style (often **PCB-mounted** or **Ring-type**) or a specific accuracy class. | Feature | Description | | :--- | :--- | | **Primary Current Range** | Typically 0.1A to 50A (Model dependent) | | **Secondary Current** | Usually mA output (e.g., 20mA or 50mA) | | **Turns Ratio** | Often 1:1000 or 1:2000 | | **Accuracy Class** | Class 0.1, 0.2, or 0.5 (Measurement grade) | | **Isolation Voltage** | 2500V - 4000V AC (Between Primary and Secondary) | | **Encapsulation** | Flame retardant plastic (PBT/Epoxy Resin) | --- ## 2. Key Electronic Components ### A. Magnetic Core The heart of the CT-11-R is the **Nanocrystalline or Permalloy core**. Unlike standard power transformers, these materials are chosen for: * **High Permeability:** Allows the sensor to detect very small currents accurately. * **Low Phase Shift:** Critical for power factor measurements. ### B. Secondary Windings The device contains multiple turns of fine copper wire. The "R" series often features high-precision winding techniques to ensure the linear relationship between the primary current and secondary output. ### C. Burden Resistor (Internal/External) Most electronic CTs like the CT-11-R require a **Burden Resistor** ($R_b$). * **Purpose:** To convert the secondary current ($I_s$) into a voltage ($V_{out}$) that a Microcontroller (MCU) or ADC can read. * **Formula:** $V_{out} = I_s \times R_b$. --- ## 3. Wiring and Integration In a typical electronic circuit, the CT-11-R is integrated as follows: ```mermaid graph LR A[AC Main Line] --> B(CT-11-R Core) B --> C[Secondary Pins] C --> D[Sampling Resistor] D --> E[Operational Amplifier/Filter] E --> F[MCU / ADC Input] ``` ### Protection Circuitry To protect the electronic parts from spikes, designers often include: 1. **TVS Diodes:** Placed across the secondary output to clamp high-voltage transients. 2. **Bypass Capacitors:** To filter high-frequency noise from the power lines before the signal reaches the ADC. --- ## 4. Typical Applications * **Digital Ammeters:** Displaying real-time current usage. * **Leakage Current Detection:** Monitoring imbalances in industrial machinery. * **Energy Meters:** Calculating kWh consumption in smart grid devices. * **Overload Protection:** Triggering a relay if current exceeds a set threshold.
    ✨ Follow-up Questions
    • ⤷ What is the maximum primary current the CT-11-R can handle without saturation?
    • ⤷ How do I calculate the ideal burden resistor value for a 5V ADC system?
    • ⤷ Does the CT-11-R support DC current sensing or is it AC only?