Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CT0805HT-R12J

  • AI
    The **CT0805HT-R12J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) and communication circuits. It is part of the **0805 series**, known for its balance between compact size and high performance. --- ### 1. Technical Specification Table | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 120 nH (0.12 µH) | The "R12" in the part number indicates 0.12µH. | | **Tolerance** | ±5% | Designated by the letter "J". | | **Case Size** | 0805 | Metric: 2012 (2.0mm x 1.25mm). | | **Type** | Wire-wound | Ceramic core with wire winding for high Q factors. | | **Max DC Current** | ~400 mA | Maximum current before overheating (typical). | | **SRF (Min)** | 1100 MHz | Self-Resonant Frequency. | | **Q Factor (Min)** | 50 | Measured at 150 MHz. | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific industry standard for identifying electronic components: 1. **CT**: Series prefix (Manufacturer specific, usually indicating Ceramic/High-Frequency). 2. **0805**: Physical size (0.08 inches by 0.05 inches). 3. **HT**: High-Temperature or High-Q series designation. 4. **R12**: Inductance value. The "R" acts as a decimal point (0.12). Unit is typically Microhenries (µH). 5. **J**: Tolerance code. J = ±5%, K = ±10%, G = ±2%. --- ### 3. Key Features and Applications #### Features * **High Q Factor:** Low energy loss, making it ideal for sharp filtering and signal clarity. * **High SRF:** Allows the component to maintain its inductive properties at very high frequencies without turning capacitive. * **Small Footprint:** Standard 0805 package fits easily on dense PCBs. #### Typical Applications * **RF Transceivers:** Used in matching networks for antennas. * **Mobile Communication:** Filtering in cellular, Wi-Fi, and Bluetooth modules. * **Oscillators:** Stability in VCOs (Voltage Controlled Oscillators). * **Broadband Systems:** Signal shaping in high-speed data transmission. --- ### 4. Handling and Soldering Since this is a **wire-wound ceramic inductor**, it is sensitive to mechanical stress. * **Soldering:** Typically supports Reflow soldering (Lead-free/RoHS compliant). * **Mounting:** Ensure proper orientation if the manufacturer provides polarity or winding direction marks (though most 0805 inductors are non-polar). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the Q factor affect the performance of an RF circuit?
    • ⤷ What are the common failure modes for 0805 chip inductors?