CTLL1608J-R10J
AI

The **CTLL1608J-R10J** is a surface-mount electronic component, specifically a **multilayer ceramic chip inductor**. This part is commonly used in high-frequency circuits for signal filtering and impedance matching.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Part Number Breakdown
The part number follows a standard nomenclature used by manufacturers (like Central Technologies):
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTLL** | Series | Multilayer Chip Inductor Series |
| **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603 Package) |
| **J** | Material | Specific ceramic material type for high frequency |
| **R10** | Inductance | **0.10 µH** (or 100 nH) |
| **J** | Tolerance | **±5%** |
---
### 2. Technical Specifications
These values are typical for this specific component:
* **Inductance:** 100 nH (0.10 µH)
* **Tolerance:** ±5%
* **Case Size:** 0603 (Inch) / 1608 (Metric)
* **Quality Factor (Q):** Typically high (e.g., 15-20 minimum at specific frequencies) to minimize energy loss.
* **Self-Resonant Frequency (SRF):** Usually in the range of 300MHz to 600MHz (depending on the exact manufacturer datasheet).
* **DC Resistance (DCR):** Relatively low, typically around 0.50 to 1.0 Ohms.
* **Rated Current:** Generally between 100mA and 300mA.
---
### 3. Key Features & Construction
1. **Multilayer Structure:** Unlike wire-wound inductors, this is built by layering ceramic material and conductive paste. This makes it very small and physically robust.
2. **Magnetic Shielding:** The multilayer design provides a closed magnetic circuit, resulting in low crosstalk/interference with surrounding components.
3. **High-Frequency Performance:** Excellent for applications above 100MHz due to its high SRF.
---
### 4. Common Applications
* **Mobile Devices:** Cellular phones, Bluetooth modules, and WLAN cards.
* **RF Modules:** Impedance matching in radio frequency amplifiers.
* **Filtering:** Low-pass or band-pass filters in high-speed signal lines.
* **Decoupling:** Eliminating high-frequency noise in power supply lines for sensitive ICs.
---
- ⤷What is the difference between this multilayer inductor and a wire-wound inductor?
- ⤷ How does the SRF (Self-Resonant Frequency) affect its use in a circuit?
- ⤷ What are the recommended soldering profiles for 0603 size components?