AI

The **CTM3F-R15J** is a high-performance, molded shielded inductor commonly used in power management and signal filtering circuits. It is part of the CTM3F series, known for its reliability in demanding electronic environments.
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the CTM3F-R15J:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Case Style** | Molded Shielded (Axial leads) |
| **DC Resistance (Max)** | 0.030 Ohms |
| **Current Rating (Idc)** | ~2,500 mA (approximate depending on temperature) |
| **Core Material** | Phenolic or Ferrite (depending on specific frequency tuning) |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific properties:
* **CTM3F**: Series identifier (Molded, Shielded Inductor).
* **R15**: Represents the inductance value. "R" acts as a decimal point, meaning **0.15**. The unit is in microhenries (µH).
* **J**: Represents the tolerance level. **J = ±5%**.
---
### 3. Key Electronic Features
* **Magnetic Shielding:** The molded construction provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) and prevents the inductor from affecting nearby sensitive components.
* **Environmental Protection:** The epoxy molded casing provides high resistance to moisture, salt spray, and mechanical shock, making it suitable for military or industrial grade applications.
* **High Q Factor:** Designed to maintain low loss at high frequencies, which is essential for RF (Radio Frequency) applications.
---
### 4. Common Applications
Due to its shielding and high current capacity relative to its size, it is used in:
1. **Switching Power Supplies:** For ripple current filtering.
2. **RF Circuits:** As a choke or part of a LC tuning network.
3. **Telecommunications:** For signal decoupling and noise suppression.
4. **Test Equipment:** Where precision and low EMI are required.
- ⤷What is the difference between R15J and R15K in this series?
- ⤷ Are there surface-mount (SMD) equivalents for the CTM3F-R15J?
- ⤷ How does the shielding in this inductor compare to unshielded versions?