Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • CTML0805F-R18M

  • AI
    ## Technical Overview of CTML0805F-R18M The **CTML0805F-R18M** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for noise suppression, signal filtering, and energy storage in compact electronic devices. ### 1. Part Number Breakdown Understanding the nomenclature helps in identifying its core characteristics: | Code Segment | Description | Value/Meaning | | :--- | :--- | :--- | | **CTML** | Series Name | Ceramic Multilayer Chip Inductor | | **0805** | Case Size (Imperial) | 2.0mm x 1.25mm | | **F** | Lead-Free | RoHS Compliant / Ferrite Core | | **R18** | Inductance Value | 0.18 µH (180 nH) | | **M** | Tolerance | ±20% | --- ### 2. Key Electrical Specifications Based on standard manufacturer data for the 0805 multilayer series: * **Inductance:** 0.18 µH (measured at 25 MHz typically). * **Tolerance:** ±20%. * **DC Resistance (DCR):** Usually low (approx. 0.30 - 0.50 Ω max), minimizing power loss. * **Rated Current:** Typically ranges between 200mA to 300mA. * **Self-Resonant Frequency (SRF):** High SRF (often > 200 MHz), making it suitable for high-frequency applications. * **Operating Temperature:** Typically -55°C to +125°C. --- ### 3. Construction and Material * **Multilayer Technology:** Unlike wire-wound inductors, these are constructed by layering conductive paste (usually silver) and ceramic/ferrite material. This results in a monolithic structure that is highly reliable and physically robust. * **Magnetic Shielding:** The multilayer design provides inherent magnetic shielding, which reduces electromagnetic interference (EMI) and prevents crosstalk with neighboring components on a dense PCB. --- ### 4. Applications The CTML0805F-R18M is primarily used in: * **Mobile Devices:** Cell phones, tablets, and wearable tech where space is limited. * **Filtering:** Power supply decoupling to filter out high-frequency noise. * **RF Circuits:** Matching networks and signal processing in wireless communication modules. * **Computing:** Motherboards and peripheral high-speed data lines. --- ### 5. Comparison: Multilayer vs. Wire-Wound | Feature | Multilayer (CTML) | Wire-Wound | | :--- | :--- | :--- | | **Size** | Very Small (Compact) | Larger | | **Shielding** | Excellent (Self-shielded) | Poor (unless shielded) | | **Q-Factor** | Moderate | High | | **Cost** | Generally Lower | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the difference between R18M and 180M in inductor labeling?
    • ⤷ How does the ferrite core affect the performance compared to a ceramic core?
    • ⤷ Can this inductor be used in a switching power supply output filter?