CTS2F-R10K
AI

The **CTS2F-R10K** is a specific type of electronic component known as a **Leaded Fixed Inductor** (specifically a conformal coated axial inductor). It is designed for use in circuits where space is a factor and filtering or energy storage is required.
---
### 1. Key Technical Specifications
The part number follows a standardized coding system for inductors. Here is the breakdown of its primary electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the 'K' suffix) |
| **Package Type** | Axial Leaded (Through-hole) |
| **Core Material** | Phenolic (Non-magnetic) |
| **Current Rating (DC)** | Typically high (around 1000mA+ depending on specific series) |
| **DC Resistance (DCR)** | Very low (typically < 0.10 Ω) |
---
### 2. Functional Characteristics
* **Conformal Coating:** The "2F" series usually features a flame-retardant epoxy or resin coating that protects the internal windings from moisture and environmental contaminants.
* **Color Coding:** Like resistors, these often use color bands to denote value and tolerance. For a **0.10 µH** inductor, the bands would represent the decimal value and multiplier.
* **High Self-Resonant Frequency (SRF):** Due to the phenolic core and low inductance, this component is suitable for high-frequency applications.
---
### 3. Common Applications
The CTS2F-R10K is typically found in the following types of circuits:
1. **RF Coupling/Decoupling:** Used to block high-frequency noise from entering power supply rails.
2. **Signal Filtering:** Used in low-pass or high-pass filters in radio communication equipment.
3. **EMI Suppression:** Reducing electromagnetic interference in consumer electronics.
4. **Oscillators:** Serving as a frequency-determining element in LC circuits.
---
### 4. Part Number Breakdown
The nomenclature is generally structured as follows:
* **CTS2F:** The series designation (Conformal Coated Axial Inductor).
* **R10:** The inductance value. "R" acts as the decimal point (R10 = 0.10).
* **K:** The tolerance code (J = ±5%, K = ±10%, M = ±20%).
- ⤷What is the difference between a phenolic core and a ferrite core inductor?
- ⤷ How do I read the color bands on an axial inductor?
- ⤷ Can this inductor be used in high-wattage power supplies?