CTS2F-R15J
AI

The **CTS2F-R15J** is a high-frequency, axial-leaded wirewound inductor. It is part of the **CTS2F series** commonly manufactured by companies like **Central Technologies** or **Bourns**. These components are primarily used for filtering, decoupling, and impedance matching in RF and power supply circuits.
---
### 1. Part Number Deciphering
To understand the specific properties of this part, we can break down the alphanumeric code:
| Segment | Value | Description |
| :--- | :--- | :--- |
| **CTS2F** | Series | Molded Axial Leaded Inductor (Standard Series) |
| **R15** | Inductance | **0.15 µH** (The "R" acts as a decimal point) |
| **J** | Tolerance | **±5%** (Standard precision for inductors) |
---
### 2. Technical Specifications
The following table outlines the typical electrical characteristics for the R15J variant:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±5% |
| **Test Frequency** | 25.2 MHz |
| **Quality Factor (Q Min)** | 50 |
| **Self-Resonant Frequency (SRF)** | ~525 MHz |
| **DC Resistance (DCR Max)** | 0.08 Ω |
| **Rated Current (IDC)** | ~920 mA |
| **Operating Temperature** | -55°C to +105°C |
---
### 3. Physical Characteristics
* **Package Type:** Axial (Through-hole).
* **Core Material:** Phenolic (Non-magnetic core) or Ferrite, depending on the specific sub-series requirements for high-frequency stability.
* **Coating:** Molded epoxy resin which provides moisture resistance and mechanical strength.
* **Dimensions:** Typically ~6.35mm length and ~2.4mm diameter.
---
### 4. Key Applications
Because of its low inductance (0.15 µH) and high self-resonant frequency, this part is ideal for:
1. **RF Circuits:** Used in oscillators, high-frequency filters, and signal processing.
2. **EMI Suppression:** Filtering high-frequency noise in communication equipment.
3. **Decoupling:** Preventing high-frequency interference from affecting power rails in sensitive electronics.
---
- ⤷
What are the equivalent replacements for the CTS2F-R15J if it is out of stock?
- ⤷ How does the 'Phenolic' core affect the performance compared to a Ferrite core in this inductor?
- ⤷ What is the soldering temperature profile recommended for molded axial inductors?