Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • DR73-101-R

  • AI
    ## Detailed Overview of the DR73-101-R The **DR73-101-R** is a high-performance, shielded power inductor designed by Eaton (formerly Cooper Bussmann/Coiltronics). It is widely used in power management circuits due to its compact size and high efficiency. --- ### 1. General Specifications Below are the primary technical parameters for the DR73-101-R: | Parameter | Value | | :--- | :--- | | **Inductance** | 100 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.354 Ω (Typical) | | **Rated Current (Irms)** | 0.79 Amps | | **Saturation Current (Isat)** | 1.02 Amps | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Characteristics The "DR73" naming convention refers to the physical dimensions of the component. * **Size Code:** 73 (Approximately 7.6mm x 7.6mm). * **Height:** 3.5mm maximum. * **Mounting Type:** Surface Mount Device (SMD). * **Core Material:** Ferrite. * **Packaging:** Tape and Reel (indicated by the "-R" suffix, which also denotes RoHS compliance). --- ### 3. Key Electronic Functions The DR73-101-R serves several critical roles in an electronic circuit: 1. **Energy Storage:** In DC-DC converters (Buck, Boost, or SEPIC), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Noise Filtering:** As an inductor, it resists changes in current, making it excellent for filtering out high-frequency noise in power supply lines. 3. **Magnetic Shielding:** The shielded construction prevents electromagnetic interference (EMI) from affecting nearby sensitive components and reduces the "buzzing" noise sometimes heard in power circuits. --- ### 4. Typical Applications * **Computing:** Laptops, servers, and networking equipment. * **Consumer Electronics:** LED drivers, LCD displays, and battery chargers. * **Industrial:** DC-DC converters and distributed power systems. --- ### 5. Identification Code Breakdown `DR73 - 101 - R` * **DR73:** Series name and physical size (7.6 x 7.6 x 3.5 mm). * **101:** Inductance code. The first two digits are significant, the third is the multiplier ($10 \times 10^1 = 100$ µH). * **R:** RoHS compliant and Tape/Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the DR73-101-R from other manufacturers?
    • ⤷ How does the saturation current (Isat) affect its performance in a Buck converter?
    • ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 certification?