Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • DRA73-2R2-R

  • AI
    The **DRA73-2R2-R** is a high-performance power inductor manufactured by **Eaton (formerly Bussmann)**. It is specifically designed for automotive applications and high-reliability environments. --- ## 1. Technical Specifications The following table highlights the core electrical and physical characteristics of the component: | Parameter | Value | | :--- | :--- | | **Inductance** | 2.2 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 5.86 Amps | | **Saturation Current (Isat)** | 8.86 Amps | | **DC Resistance (DCR)** | 12.3 mΩ (Max) | | **Operating Temperature** | -40°C to +165°C | | **Shielding** | Shielded (Magnetic) | | **Size / Dimension** | 7.60mm L x 7.60mm W x 3.55mm H | --- ## 2. Key Features * **AEC-Q200 Qualified:** This means the part has passed rigorous stress tests for use in the automotive industry (vibration, thermal shock, etc.). * **High Temperature Range:** Capable of operating up to **+165°C**, which is significantly higher than standard commercial-grade inductors (+85°C or +125°C). * **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components. * **Low Core Loss:** Optimized for high-frequency power conversion. --- ## 3. Applications The DRA73-2R2-R is primarily used in DC-DC converters and voltage regulation modules. Typical use cases include: 1. **Automotive Electronics:** Power steering (EPS), LED lighting, and Advanced Driver Assistance Systems (ADAS). 2. **Industrial Controls:** High-temperature sensors and motor drives. 3. **Computing:** Voltage Regulator Modules (VRMs) for servers and high-end workstations. --- ## 4. Part Number Breakdown The nomenclature follows Eaton's standard coding system: | Segment | Meaning | | :--- | :--- | | **DRA** | High power density, automotive grade series | | **73** | Dimensional size (Approx 7mm x 3mm height) | | **2R2** | Inductance value (2.2 microhenries) | | **-R** | RoHS compliant / Lead-free |
    ✨ Follow-up Questions
    • ⤷ What are the alternative components with similar specs?
    • ⤷ How does the saturation current affect its performance in a circuit?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?