Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • E5C2-R20JD

  • AI
    ## Overview of the Omron E5C2-R20JD The **Omron E5C2-R20JD** is a basic, analog DIN-sized (48x48mm) temperature controller. It is widely used in industrial applications for simple ON/OFF control or proportional control where a digital display is not required. --- ### 1. Key Electronic Specifications The "R20JD" suffix provides specific details about the input type, output type, and voltage. | Specification | Details | | :--- | :--- | | **Input Type** | J-Type Thermocouple (Fe-CuNi) | | **Control Mode** | ON/OFF or PD (Proportional-Derivative) | | **Output Type** | Relay Contact (SPDT) | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Setting Method** | Analog Dial (Potentiometer) | | **Relay Rating** | 3A at 250 VAC (Resistive load) | --- ### 2. Internal Electronic Components & Operation The E5C2 series relies on solid-state circuitry to process the low-voltage signal from the thermocouple and trigger a mechanical relay. * **Thermocouple Interface:** Since the input is a J-type thermocouple, the device includes cold-junction compensation circuitry to ensure accuracy across varying ambient temperatures. * **Comparator Circuit:** It compares the millivolt signal from the thermocouple against the voltage set by the front-panel potentiometer. * **Control Mechanism:** * **ON/OFF:** The relay engages when the temperature is below the set point and disengages when it is above. * **Proportional Band:** Usually fixed at 3% of the full scale to prevent rapid cycling (chattering) near the setpoint. * **The Output Relay:** A mechanical SPDT relay acts as a switch. It is recommended to use an external contactor if you are driving high-power heating elements. --- ### 3. Connection Pinout (8-Pin Plug-in) The E5C2-R20JD typically uses a circular 8-pin socket (P2CF-08). | Pin Number | Function | | :---: | :--- | | **1** | Common (Relay) | | **3** | NO - Normally Open (Relay) | | **4** | NC - Normally Closed (Relay) | | **2 & 7** | Power Supply (100-240 VAC) | | **8 (+)** | Thermocouple Input (Positive) | | **1 (-)** | Thermocouple Input (Negative) | --- ### 4. Implementation Tips * **Shielding:** Use compensated lead wires for the J-type thermocouple to avoid signal interference. * **Protection:** Since the internal output is a mechanical relay, use an **RC Snubber** circuit if you are switching inductive loads to prevent contact arcing. * **Scale:** Ensure the temperature range on the dial (e.g., 0-200°C or 0-400°C) matches your specific model's calibrated range.
    ✨ Follow-up Questions
    • ⤷What are the main differences between the E5C2 and the E5CC digital series?
    • ⤷ How do I wire a J-type thermocouple to this controller to avoid polarity errors?
    • ⤷ Can the E5C2-R20JD be used to drive a Solid State Relay (SSR)?