E5C4-R40K
AI

## Overview of the OMRON E5C4-R40K
The **E5C4-R40K** is a compact, analog-set temperature controller manufactured by Omron. It is widely used in industrial applications for basic temperature regulation where a digital interface is not required.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | K-type Thermocouple |
| **Control Mode** | ON/OFF or PD (Proportional-Derivative) |
| **Output Type** | Relay Output (SPDT) |
| **Setting Method** | Analog Dial (Potentiometer) |
| **Mounting Type** | 8-pin Plug-in / DIN Rail |
| **Operating Voltage** | Typically 100-240 VAC |
---
### Key Electronic Components & Internal Functions
The E5C4-R40K consists of several critical electronic sub-systems that allow it to process thermal data and switch loads:
#### 1. Signal Conditioning Circuit
Since K-type thermocouples produce very low voltages (millivolts), the internal circuit uses **operational amplifiers (Op-Amps)** to boost the signal. It also includes **cold-junction compensation** to ensure accuracy despite ambient temperature changes at the controller terminals.
#### 2. Analog Comparator
Unlike digital controllers that use a microprocessor, the E5C4-R40K uses an analog comparator. It compares the voltage from the **Setting Potentiometer** (the dial on the front) against the amplified voltage from the thermocouple.
#### 3. Control Output (Relay)
The "R" in the model name stands for **Relay**.
* **Component:** Internal electromagnetic relay.
* **Capacity:** Usually rated for 3A at 250 VAC.
* **Function:** When the measured temperature is below the set point, the relay energizes to turn on a heater.
#### 4. Power Supply Section
This internal module converts the AC mains voltage (100-240V) down to low-voltage DC (usually 12V or 24V) to power the internal logic and the relay coil. It typically uses a transformer-based or simple capacitive dropper circuit.
---
### Terminal Configuration (8-Pin Socket)
The device follows a standard 8-pin circular configuration:
| Pin Numbers | Description |
| :--- | :--- |
| **1 & 2** | Power Supply (AC Input) |
| **3, 4, 5** | Relay Output (Common, NO, NC) |
| **6 (+) & 7 (-)** | Thermocouple Input (K-type) |
| **8** | Internal Ground / Shield |
---
### Comparison: Analog vs. Digital
The E5C4-R40K is valued for its **simplicity** and **reliability**.
* **Pro:** No complex menus; easy to set by turning a knob.
* **Con:** Less precise than digital PID controllers; no digital readout of the current temperature.
---
- ⤷
How do you calibrate the E5C4-R40K for different temperature ranges?
- ⤷ What are the common failure modes of the internal relay in this controller?
- ⤷ Can a PT100 sensor be used with the E5C4-R40K model?