ECKATS102KB
AI

The **ECK-ATS102KB** is a specific type of high-voltage ceramic disc capacitor manufactured by **Panasonic**. These components are primarily designed for interference suppression and safety across-the-line applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1 nF) |
| **Capacitance Code** | 102 (10 + 2 zeros) |
| **Tolerance** | ±10% (Code: K) |
| **Safety Class** | Y1 (Line-to-ground) / X1 (Line-to-line) |
| **Rated Voltage** | 440V AC (X1) / 400V AC (Y1) |
| **Dielectric Material** | Ceramic (B / Y5P characteristics) |
| **Mounting Type** | Through-Hole (Radial Leads) |
---
### 2. Key Features
* **Safety Standards:** These capacitors are "Safety Rated," meaning they are designed to fail in a way that does not lead to electric shock or fire. They are certified by international agencies (UL, VDE, CSA, etc.).
* **Flame Retardant:** The exterior is typically coated with a flame-retardant epoxy resin (UL94V-0 compliant).
* **High Voltage Withstand:** Designed to handle significant surges (up to 8kV impulses depending on the specific sub-series) commonly found in power supplies.
---
### 3. Common Applications
The ECK-ATS series is typically used in the "Front End" of power electronics:
1. **EMI/RFI Filtering:** Suppressing electrical noise generated by switching power supplies.
2. **Y-Capacitor Usage:** Connected between a live/neutral wire and the chassis ground to filter common-mode noise.
3. **X-Capacitor Usage:** Connected across the AC lines to filter differential-mode noise.
4. **Household Appliances:** Found in vacuum cleaners, washing machines, and power adapters.
---
### 4. Part Number Breakdown
To understand the component better, here is how the code is structured:
* **ECK**: Panasonic Ceramic Capacitor prefix.
* **ATS**: Series identifier (Safety Standard recognized).
* **102**: Capacitance (10 x 10^2 pF).
* **K**: Tolerance (±10%).
* **B**: Temperature characteristic (B/Y5P).
- ⤷What is the difference between X1 and Y1 safety ratings?
- ⤷ Can I replace a 102KB capacitor with a 102MB (±20%) version?
- ⤷ What are the physical dimensions of the ECK-ATS series?