Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • EM3581-RTR

  • AI
    ## Overview of the EM3581-RTR The **EM3581-RTR** is a high-performance, fully integrated System-on-Chip (SoC) designed by Silicon Labs. It is primarily used for **Zigbee** and **Thread** networking applications, specifically targeting the Internet of Things (IoT) market. The "RTR" suffix typically denotes the packaging format (Reel). --- ### Core Specifications | Feature | Details | | :--- | :--- | | **Microcontroller** | 32-bit ARM® Cortex®-M3 | | **CPU Speed** | 12 MHz (standard) up to 24 MHz | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Radio Protocol** | IEEE 802.15.4 (Zigbee, Thread, RF4CE) | | **Frequency Band** | 2.4 GHz ISM | | **Operating Voltage** | 2.1V to 3.6V | --- ### Key Electronic Subsystems #### 1. RF Transceiver The chip features a highly integrated 2.4 GHz transceiver. It includes: * **Built-in PA (Power Amplifier):** Provides up to +8 dBm output power. * **Built-in LNA (Low Noise Amplifier):** Improves receiver sensitivity to -100 dBm (at 1% PER). * **Integrated Receive/Transmit Switch:** Eliminates the need for external RF switches, reducing the bill of materials (BOM). #### 2. Power Management Unit (PMU) Designed for low-power operation, the EM3581 includes: * **On-chip regulators:** Includes a 1.8V linear regulator and a switching regulator (optional) to minimize energy consumption during sleep modes. * **Sleep Modes:** Deep sleep current is approximately 1.0 µA (with RAM retention), making it ideal for battery-powered sensors. #### 3. Peripheral Set The EM3581-RTR is equipped with various I/O and interface options for sensor integration: * **UART/SPI/I2C:** Multiple serial controllers for communicating with external sensors or host MCUs. * **ADC:** 12-bit Analog-to-Digital Converter with up to 6 channels. * **Timers:** General-purpose 16-bit timers and a dedicated watchdog timer. * **GPIOs:** Up to 24 General Purpose I/O pins depending on the package configuration. --- ### Application Scenarios 1. **Smart Lighting:** Used in smart bulbs to handle Zigbee mesh networking commands. 2. **Home Automation:** Central hubs or gateways that bridge 802.15.4 networks to Ethernet/Wi-Fi. 3. **Smart Metering:** Reliable data transmission for electricity or water meters. 4. **Security Sensors:** Door/window sensors that require years of battery life. --- ### Pin Configuration Summary (QFN48) | Pin Category | Description | | :--- | :--- | | **RF_P / RF_N** | Differential RF input/output pins. | | **OSC32K** | External 32.768 kHz crystal pins for accurate sleep timing. | | **nRESET** | Active-low reset pin. | | **PA0 - PB7** | General purpose I/O, many with multiplexed functions (ADC, UART). | | **VREG_OUT** | Regulated supply output for decoupling capacitors. |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM3581 and the EM357 models?
    • ⤷ How does the EmberZNet PRO stack integrate with this hardware?
    • ⤷ What is the recommended PCB layout practice for the RF differential traces on the EM3581?