EM3582-RTR
AI

### EM3582-RTR Overview
The **EM3582-RTR** is a high-performance, integrated Zigbee/802.15.4 System-on-Chip (SoC) developed by Silicon Labs. It is designed for low-power mesh networking applications, such as smart home automation and industrial sensor networks.
---
### 1. Key Internal Components
The architecture of the EM3582 integrates a microcontroller, a radio transceiver, and various peripherals into a single package.
| Component | Description |
| :--- | :--- |
| **CPU Core** | 32-bit ARM® Cortex®-M3 processor (clocked at 24 MHz). |
| **Memory** | 256 KB Flash and 12 KB RAM (sufficient for Zigbee Pro stacks). |
| **Radio** | 2.4 GHz IEEE 802.15.4-2003 compliant transceiver. |
| **I/O** | 24 GPIOs with configurable pull-up/pull-down resistors. |
| **Peripherals** | UART, SPI, TWI (I2C), and 2-channel 12-bit ADC. |
---
### 2. Radio Transceiver Details
The radio section is the most critical part of the EM3582-RTR, enabling wireless communication.
* **Sensitivity:** -100 dBm (Standard) to -102 dBm (Boost mode).
* **Output Power:** Up to +8 dBm (max).
* **Link Budget:** 110 dB, which allows for long-range reliability without an external Power Amplifier (PA) in many cases.
* **Current Consumption:** ~26 mA in receive mode and ~31 mA in transmit mode (at +3 dBm).
---
### 3. Power Management
The EM3582 is engineered for battery-operated devices. It includes:
* **Voltage Range:** 2.1V to 3.6V.
* **Deep Sleep Mode:** Consumes less than 1 µA with the sleep timer active.
* **Integrated Voltage Regulator:** Includes an on-chip 1.8V regulator for internal core logic.
---
### 4. Technical Specifications Summary
The "RTR" suffix usually denotes the packaging format (Tape and Reel) for automated assembly.
| Parameter | Specification |
| :--- | :--- |
| **Package** | 48-pin QFN (7 mm x 7 mm). |
| **Operating Temperature** | -40°C to +85°C. |
| **Max Data Rate** | 250 kbps (over the air). |
| **Encryption** | Hardware AES-128 engine. |
---
### 5. Application Circuit Requirements
To function correctly, the EM3582 requires a few external electronic components:
1. **Crystal Oscillators:** A 24 MHz crystal for the radio/CPU and an optional 32.768 kHz crystal for low-power timing.
2. **RF Matching:** A balun and matching network to convert the differential RF output to a 50Ω single-ended antenna connection.
3. **Decoupling Capacitors:** Standard 100nF and 1µF capacitors placed close to VDD pins to filter high-frequency noise.
- ⤷
What are the main differences between the EM3582 and the newer EFR32 series?
- ⤷ Can the EM3582 support Thread networking protocols in addition to Zigbee?
- ⤷ What is the recommended layout for the RF matching circuit on a PCB?