EM3586-RTR
AI

## EM3586-RTR: Electronic Overview
The **EM3586-RTR** is a high-performance, synchronous step-down (Buck) DC-DC converter manufactured by **Eutech Microelectronics**. It is primarily used to efficiently step down a higher voltage to a regulated lower voltage.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the EM3586-RTR:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 24V |
| **Output Voltage Range** | Adjustable from 0.8V to 15V |
| **Continuous Output Current** | Up to 3A |
| **Switching Frequency** | Fixed 500kHz |
| **Efficiency** | Up to 95% |
| **Package Type** | SOP-8 (Exposed Pad) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components and Features
* **Synchronous Rectification:** Unlike standard buck converters that use a diode, the EM3586 uses an integrated low Rds(on) MOSFET for the low-side switch. This significantly reduces power loss and eliminates the need for an external Schottky diode.
* **Internal Soft-Start:** It includes an internal soft-start timer to prevent large inrush currents during power-up, protecting the power source and the chip.
* **Protection Mechanisms:**
* **OCP (Over Current Protection):** Monitors current through the high-side MOSFET to prevent damage during shorts.
* **OTP (Over Temperature Protection):** Shuts down the device if the junction temperature exceeds safety limits.
* **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable enough to drive the internal MOSFETs.
* **Current Mode Control:** Provides fast transient response and makes loop stabilization easier.
---
### 3. Pin Configuration (SOP-8)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **BS** | Bootstrap. A capacitor is connected between BS and SW to drive the high-side MOSFET. |
| 2 | **IN** | Supply Input. Decouple with a large capacitor to ground. |
| 3 | **SW** | Switch Output. Connected to the external inductor. |
| 4 | **GND** | Ground. |
| 5 | **FB** | Feedback. Connect to a resistor divider to set the output voltage. |
| 6 | **COMP** | Compensation. Used for frequency compensation to stabilize the loop. |
| 7 | **EN** | Enable. High = On; Low = Off. |
| 8 | **SS** | Soft Start. (Often internal or shared depending on specific sub-variants). |
---
### 4. Typical Application Circuit
To utilize the EM3586-RTR, a few external passive components are required:
```markdown
1. Input Capacitor (C_in): Ceramic, typically 10uF - 22uF.
2. Inductor (L): Usually 4.7uH to 10uH (rated for >3A).
3. Output Capacitor (C_out): Ceramic, typically 22uF - 47uH.
4. Feedback Resistors (R1, R2): To set V_out based on the 0.8V reference.
5. Bootstrap Capacitor (C_bs): Usually 0.1uF.
```
---
- ⤷
How do I calculate the feedback resistor values for a 5V output?
- ⤷ What are the thermal considerations for the SOP-8 exposed pad package?
- ⤷ Can the EM3586-RTR be used in automotive 12V applications?