EM3587-RTR
AI

### Overview of the EM3587-RTR
The **EM3587-RTR** is a high-performance, integrated System-on-Chip (SoC) designed by Silicon Labs. It is primarily used for **Zigbee** and **Thread** networking applications. It combines a 2.4 GHz IEEE 802.15.4 compliant transceiver with a powerful ARM Cortex-M3 core.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | ARM® Cortex®-M3 |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Radio Frequency** | 2.4 GHz (IEEE 802.15.4) |
| **Data Rate** | 250 kbps |
| **Operating Voltage** | 2.1V to 3.6V |
| **Max Transmit Power** | +8 dBm (boost mode) |
| **Sensitivity** | -102 dBm (boost mode) |
---
### Major Internal Components
#### 1. Microcontroller Unit (MCU)
The heart of the EM3587 is the **ARM Cortex-M3** processor.
- It operates at frequencies up to 24 MHz.
- It features a nested vectored interrupt controller (NVIC) for low-latency interrupt handling.
- It includes a Memory Protection Unit (MPU) for increased system reliability.
#### 2. Radio Transceiver
The radio is designed to meet the rigorous demands of mesh networking:
- **Low Power:** Optimized for battery-operated devices.
- **Integrated Components:** Includes the power amplifier (PA) and low-noise amplifier (LNA).
- **Security:** Built-in hardware support for AES-128 encryption to secure wireless communication.
#### 3. Peripherals and Connectivity
The EM3587 provides a robust set of interfaces for interacting with sensors and other chips:
* **USB 2.0 Full Speed:** Unique to the EM358x series, allowing the device to act as a USB peripheral.
* **UART/SPI/I2C:** Multiple serial controllers for communication.
* **ADC:** 12-bit Analog-to-Digital Converter for sensor data acquisition.
* **Timers:** General-purpose and sleep timers for precise scheduling.
---
### Package and Ordering Information
The **"-RTR"** suffix typically denotes the packaging format:
* **R:** Indicates the device is delivered in **Reel** format.
* **TR:** Specifically stands for **Tape and Reel**, which is standard for automated Surface Mount Technology (SMT) assembly lines.
---
### Common Applications
* **Smart Home:** Lighting control, thermostats, and security sensors.
* **Smart Energy:** Smart meters and In-Home Displays (IHD).
* **Building Automation:** HVAC systems and commercial lighting networks.
- ⤷
What are the main differences between the EM3587 and the EM357?
- ⤷ How does the USB 2.0 interface benefit Zigbee gateway designs?
- ⤷ What software stacks are compatible with the EM3587-RTR?