Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • EMB53_16

  • AI
    The **EMB53_16** refers to a specific type of **Digital Transistor** (also known as a Pre-biased Transistor or Resistor-Equipped Transistor) manufactured by ROHM Semiconductor. It consists of two transistors housed in a single small package. --- ### ## Technical Specifications The EMB53_16 belongs to the **DTA143Z / DTC144E** hybrid family, combining a PNP and an NPN transistor. Below are the key electrical characteristics: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Supply Voltage** | Vcc | 50 | V | | **Input Voltage** | Vin | -5 to +30 | V | | **Output Current** | Io | 100 | mA | | **Power Dissipation** | Pd | 150 | mW | | **Junction Temp** | Tj | 150 | °C | --- ### ## Internal Configuration The EMB53_16 is a "Dual" transistor package. It integrates: 1. **Tr1 (PNP):** Built-in bias resistors (R1 = 4.7kΩ, R2 = 47kΩ). 2. **Tr2 (NPN):** Built-in bias resistors (R1 = 47kΩ, R2 = 47kΩ). #### Why use Pre-biased Transistors? * **Space Saving:** By integrating the resistors into the transistor casing, the component count on the PCB (Printed Circuit Board) is reduced. * **Cost Reduction:** Fewer components mean lower assembly costs. * **Simplified Design:** The resistors are already calculated for optimal switching performance. --- ### ## Package and Pinout The "16" in the part number often refers to the **EMT6** (SOT-563) package style, which is an ultra-small surface-mount device. ```text Pin Layout (Top View): +---+---+---+ | 6 | 5 | 4 | (6: Collector 1, 5: Base 2, 4: Collector 2) +---+---+---+ | 1 | 2 | 3 | (1: Emitter 1, 2: Base 1, 3: Emitter 2) +---+---+---+ ``` --- ### ## Typical Applications * **Inverter Circuits:** Converting signal levels between different logic blocks. * **Interface Circuits:** Driving LEDs or small relays from a microcontroller. * **Switching:** Acting as a digital switch where high-speed, low-current switching is required.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the EMB53_16?
    • ⤷ How do the built-in R1 and R2 resistors affect the transistor's switching speed?
    • ⤷ Can this component be used in high-frequency RF applications?