Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • EPC-R4710

  • AI
    The **Advantech EPC-R4710** is an ARM-based Edge Intelligence Box Computer designed specifically for IoT gateway applications. It is powered by the Rockchip RK3399 SoC and follows the RISC architecture to ensure high performance with low power consumption. --- ### ## Key Electronic Components and Specifications The internal architecture of the EPC-R4710 is centered around its processing power and versatile I/O connectivity. | Component | Specification Details | | :--- | :--- | | **Processor (SoC)** | Rockchip RK3399 (Dual-core Cortex-A72 + Quad-core Cortex-A53) | | **Memory (RAM)** | 2GB LPDDR4 onboard (Up to 4GB optional) | | **Storage (eMMC)** | 16GB eMMC onboard (Up to 64GB optional) | | **Graphics** | Mali-T860MP4 GPU | | **Expansion** | 1 x M.2 (Key B), 1 x mini-PCIe | | **Operating Voltage** | 12V DC Input | --- ### ### Detailed Hardware Features #### 1. Processing Core The heart of the system is the **RK3399**, which utilizes a Big.Little architecture. This allows the system to switch between high-performance A72 cores for heavy tasks and energy-efficient A53 cores for background processes, making it ideal for 24/7 edge operation. #### 2. Connectivity and I/O Interface The electronic layout is optimized for industrial communication: * **Networking:** Dual Gigabit Ethernet ports (RJ45) for network redundancy or bridging. * **Serial Ports:** Includes RS-232/422/485 ports via DB9 connectors for legacy industrial equipment. * **Display:** Supports Dual Display via HDMI (4K resolution) and an internal LVDS/eDP header. * **USB:** Features USB 3.0 and USB 2.0 ports for high-speed peripheral interfacing. #### 3. Modular Expansion The internal PCB provides slots for wireless communication modules: * **M.2 Slot:** Typically used for LTE or 5G modules. * **Mini-PCIe:** Often utilized for Wi-Fi or Bluetooth expansion. * **SIM Card Slot:** External access for cellular connectivity. #### 4. Power Management The unit is designed for industrial stability. It features a lockable DC jack to prevent accidental disconnection and utilizes industrial-grade capacitors to handle temperature fluctuations ranging from **0°C to 60°C** (Standard) or **-20°C to 70°C** (Extended). --- ### ### Software Ecosystem The electronic hardware is designed to be fully compatible with: * **OS Support:** Debian Linux, Android, and Advantech’s WISE-DeviceOn. * **SDKs:** Support for Rockchip's neural network toolkit (RKNN) for edge AI inference.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption metrics of the RK3399 SoC in this unit?
    • ⤷ Which wireless modules are compatible with the M.2 Key B slot?
    • ⤷ How does the WISE-DeviceOn platform interact with the EPC-R4710 hardware?