Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ESS-150-SS

  • AI
    Based on the model number **ESS-150-SS**, this typically refers to a **150W Single Output Enclosed Switching Power Supply**. These devices are foundational in industrial automation and electronic systems, designed to convert AC utility power into a stable DC voltage. --- ### Core Electronic Components and Functions The internal circuitry of an ESS-150 series power supply is divided into several functional stages: | Stage | Main Components | Purpose | | :--- | :--- | :--- | | **Input Protection** | Fuse, Thermistor, MOV | Protects against over-current and voltage surges (spikes). | | **EMI Filter** | X/Y Capacitors, Common Mode Choke | Reduces electromagnetic interference sent back to the grid. | | **Rectification** | Bridge Rectifier | Converts AC input (110V/220V) into high-voltage DC. | | **Switching (PWM)** | MOSFETs, PWM IC | Rapidly "switches" DC to high-frequency AC for efficiency. | | **Transformer** | Ferrite Core Transformer | Provides galvanic isolation and steps voltage down. | | **Output Rectification** | Schottky Diodes | Converts high-frequency AC back to steady DC. | | **Filtering** | Electrolytic Capacitors, Inductors | Smooths out ripples to ensure a clean voltage output. | --- ### Key Technical Specifications Commonly, the "150" indicates the wattage, while the "SS" often denotes a "Single Slot" or "Slim" form factor. * **Power Output:** 150 Watts. * **Input Range:** Usually 85-264VAC (Universal Input) or manual switch selection. * **Cooling:** Often utilizes free air convection (no fan) or an internal fan depending on the specific chassis design. * **Safety Protections:** * **Short Circuit:** Auto-recovery after fault is removed. * **Overload:** Limits output current to protect the internal MOSFET. * **Over Voltage:** Shuts down the unit if the feedback loop fails. --- ### Connection Terminal Mapping The terminal block on the **ESS-150-SS** is generally organized as follows: 1. **L (Line):** AC Hot wire input. 2. **N (Neutral):** AC Neutral wire input. 3. **FG (Frame Ground):** Connection to the metal chassis for safety. 4. **-V (COM):** DC Return / Negative output. 5. **+V:** DC Positive output. 6. **V ADJ:** A small potentiometer to fine-tune the output voltage (usually ±10%). --- ### Common Applications * **LED Signage:** Driving constant voltage LED strips. * **Industrial Controls:** Powering PLCs and sensors. * **CCTV:** Centralized power for security cameras. * **3D Printing:** Providing stable current for heated beds and extruders.
    ✨ Follow-up Questions
    • ⤷ What is the standard DC output voltage for the ESS-150-SS (e.g.
    • ⤷ 12V or 24V)?
    • ⤷ How do I calculate if 150W is sufficient for my specific electronic load?
    • ⤷ What are the environmental operating temperature limits for this power supply?