Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • EZ512-DC-R

  • AI
    The **EZ512-DC-R** is a smart relay (also known as a programmable logic relay) manufactured by **Eaton**. It is designed to bridge the gap between simple timers/relays and complex PLCs (Programmable Logic Controllers). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Digital Inputs** | 8 Inputs (24V DC) | | **Analog Inputs** | 2 (Can be configured from the 8 digital inputs, 0-10V) | | **Outputs** | 4 Relay Outputs | | **Max Current** | 8A per relay contact | | **Display** | Integrated LCD with keypad | | **Mounting** | DIN Rail (35mm) | --- ### 2. Internal Electronic Architecture #### A. Input Circuitry The device features 8 digital inputs. A unique aspect of the EZ512 series is that **Inputs I7 and I8** are multifunctional. They contain internal Analog-to-Digital Converters (ADC), allowing them to process 0–10V signals for tasks like temperature monitoring or pressure sensing without extra modules. #### B. The CPU and Memory The "brain" of the unit stores and executes **Ladder Logic**. - **Capacity:** It can handle up to 128 lines of code. - **Functions:** Includes internal markers (auxiliary relays), timers, counters, and real-time clock (RTC) functions. #### C. Relay Outputs (The "R" in the model name) The "R" suffix indicates **Relay Outputs**. Inside the casing, there are physical mechanical relays. - **Isolation:** Provides galvanic isolation between the internal logic and the external load. - **Switching:** Capable of switching both AC and DC loads (up to 250V AC or 30V DC). --- ### 3. Connection Diagram Overview When wiring the EZ512-DC-R, the electronic terminals are typically organized as follows: ```text Power Supply: L+ (24V DC) ----> [Terminal L+] M (0V DC) ----> [Terminal M] Inputs: [I1] [I2] [I3] [I4] [I5] [I6] [I7/A1] [I8/A2] Outputs: [Q1] [Q2] [Q3] [Q4] (Each Q has two terminals for the relay contact) ``` --- ### 4. Advantages of this Model 1. **Compact Footprint:** Replaces dozens of physical relays and timers in a control cabinet. 2. **On-Board Programming:** The LCD screen allows for basic programming and troubleshooting without needing a PC. 3. **Flexibility:** The 24V DC power requirement makes it ideal for automotive, battery-backed, or industrial DC environments. ---
    ✨ Follow-up Questions
    • ⤷ How do I program the EZ512-DC-R using a PC?
    • ⤷ What is the difference between the 'DC-R' and 'AC-RC' versions?
    • ⤷ Can this unit be expanded with additional I/O modules?