Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F2PP-12R-R

  • AI
    The **F2PP-12R-R** is a specific model within the series of Industrial Relay Boards (often associated with brands like **Fuji Electric** or specialized PLC interface manufacturers). These components are designed to act as an interface between low-power control signals (from a PLC) and high-power industrial loads. ### 1. Key Technical Specifications The "12R" typically denotes the number of channels (12 Relays), and "R" signifies a specific mounting or contact configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Number of Points** | 12 Channels | | **Relay Type** | Electromagnetic (often replaceable mini-relays) | | **Input Voltage** | 24V DC (Logic Side) | | **Switching Voltage** | Up to 250V AC / 30V DC | | **Max Current** | 5A per channel (Resistive Load) | | **Mounting Type** | DIN Rail Mount | | **Connection** | Terminal Block (Screw or Push-in) | --- ### 2. Main Electronic Components The F2PP-12R-R is not just a group of switches; it contains several electronic layers to protect the control system: #### A. Electromagnetic Relays The core component. It provides **galvanic isolation** between the PLC and the output device. This ensures that a high-voltage surge on the output side does not travel back and destroy the sensitive CPU of the PLC. #### B. Flyback Diodes (Freewheeling Diodes) Connected in parallel with the relay coil. When the coil is de-energized, it creates a voltage spike. The diode dissipates this energy to prevent damage to the driving transistors. #### C. LED Status Indicators Each of the 12 channels features a surface-mount LED. These provide visual feedback on whether a specific relay is energized, which is crucial for field troubleshooting. #### D. Polarity Protection Includes a bridge rectifier or a specific diode at the power input to prevent the board from burning out if the DC power supply wires are accidentally swapped. --- ### 3. Wiring Configuration The board usually follows a standard common-rail architecture to simplify wiring: ```mermaid graph LR PLC_Output --> Input_Terminal Input_Terminal --> Relay_Coil Relay_Coil --> Ground Power_Load --> Common_Contact Common_Contact --> NO_Contact NO_Contact --> Motor/Solenoid ``` --- ### 4. Application Use Cases * **Signal Conversion:** Converting a 24V DC PLC signal to drive a 220V AC motor starter. * **Current Boosting:** Allowing a low-current PLC output (typically 0.5A) to control a 5A load. * **Isolation:** Protecting expensive controllers from electrical noise generated by heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between NPN and PNP inputs for this relay board?
    • ⤷ How do you replace an individual relay on the F2PP-12R-R if one channel fails?
    • ⤷ What is the life expectancy of the relay contacts under a full 5A load?