Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F2PP-15R-R

  • AI
    The **F2PP-15R-R** is a specific part number typically associated with professional-grade high-current components, most commonly found in the catalog of manufacturers like **Zierick Manufacturing Corp**. It represents a high-current PCB terminal or fuse clip assembly designed for power distribution. --- ### 1. Technical Specifications The "F2PP" series is engineered for high-performance connectivity. Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | High-Current PCB Terminal / Fuse Clip | | **Current Rating** | Typically 15A to 30A (depending on trace width) | | **Material** | C11000 Copper (High Conductivity) | | **Plating** | Tin over Copper (to prevent oxidation) | | **Mounting Type** | Through-hole (Solder Mount) | | **Orientation** | Right-Angle (R) | --- ### 2. Physical Design & Construction The "R-R" suffix in the part number usually denotes the mechanical orientation and the packaging style (Tape & Reel). * **Body Material:** Made from oxygen-free copper to ensure the lowest possible electrical resistance. This prevents heat buildup at high currents. * **Dual-Prong Design:** The "2P" designation often refers to two solder legs (prongs). This provides mechanical stability and increases the surface area for current flow into the PCB. * **Right-Angle Configuration:** The part is designed to accept wires or fuses parallel to the board, saving vertical space in tight enclosures. --- ### 3. Electronic Applications These parts are used in power-sensitive circuits where standard headers would melt or cause significant voltage drops. 1. **Power Supplies:** Used as an interface for high-voltage DC input/output. 2. **Automotive Electronics:** Ideal for 12V/24V systems requiring robust vibration-resistant connections. 3. **Industrial Controls:** Acts as a heavy-duty terminal for motor controllers or relay boards. 4. **Fuse Holders:** Often serves as the physical clip for blade-style fuses. --- ### 4. Mounting Example (PCB Layout) If you are integrating this into a CAD tool (like Altium or KiCad), the footprint should account for high-current thermal relief: ```text PCB Footprint Requirements: - Hole Diameter: ~1.6mm to 2.0mm (standard for heavy prongs) - Solder Pad: Large annular ring to support high current - Trace Width: 3oz or 4oz copper traces recommended for 15A+ ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum temperature rating for the F2PP-15R-R?
    • ⤷ Can this part be used with automated SMT pick-and-place machines?
    • ⤷ What is the recommended solder profile for this high-conductivity copper part?