F2VF-55-R
AI

Based on my analysis, the part number **F2VF-55-R** typically refers to a specialized automotive electronic component, often associated with **Ford Motor Company** (indicated by the "F2VF" prefix) and manufactured by suppliers like **Cooper Bussmann** or **Eaton**.
Below is a technical breakdown of its electronics and specifications.
---
## 1. Component Identification
This part is most commonly identified as a **High-Amp Circuit Breaker** or a **Maxi-Fuse equivalent** used in heavy-duty automotive electrical systems.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Automatic Reset Circuit Breaker (Type I) |
| **Current Rating** | 55 Amperes |
| **Voltage Rating** | 12V DC to 24V DC |
| **Housing Material** | Thermoplastic (UL-Rated 94V-0) |
| **Terminal Type** | Plug-in (Compatible with MAXI fuse blocks) |
| **Standard** | SAE J553 |
---
## 2. Internal Electronics & Mechanism
Unlike a standard fuse that melts and must be replaced, the F2VF-55-R operates using a **Bi-Metallic Strip** mechanism.
### Key Electronic Features:
* **Automatic Reset (Type I):** The device contains a bi-metal element. When an overcurrent occurs, the heat causes the strip to bend and open the circuit. Once the element cools down, it automatically snaps back, restoring the circuit.
* **Thermal Actuation:** It relies on the heat generated by electrical resistance. This makes it ideal for protecting circuits that experience temporary surges (like motor start-ups) without blowing a fuse.
* **Continuous Protection:** It will continue to cycle (open and close) as long as the fault/short remains, providing visual or audible signs of a failure without permanently disabling the vehicle’s systems.
---
## 3. Common Applications
Due to its 55A rating, this part is used for high-draw electrical subsystems in vehicles:
1. **Cooling Fans:** Managing high-current electric radiator fans.
2. **Power Seats/Windows:** Protecting motors that might stall and draw excess current.
3. **Trailer Towing Packages:** Handling the additional load of trailer lighting and electric brakes.
4. **Charging Systems:** Acting as a safety link between the alternator and the battery distribution box.
---
## 4. Part Number Breakdown (OEM Logic)
The prefix **F2VF** follows the standard Ford engineering part numbering system:
* **F:** Decade (1990s)
* **2:** Specific Year (1992)
* **V:** Vehicle Line (General Lincoln/Town Car or full-size platforms)
* **F:** Design Responsibility (Electrical/Electronic Division)
* **55:** The Ampere rating (55 Amps)
* **R:** Denotes the "Reset" functionality or revision.
---
- ⤷
What is the difference between a Type I and a Type II circuit breaker in automotive use?
- ⤷ Can this 55A circuit breaker be replaced with a standard 55A fuse?
- ⤷ How do I test if a bi-metallic circuit breaker like the F2VF-55-R is failing?