Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F2VF-FWB-R

  • AI
    ## Analysis of the F2VF-FWB-R Connector The **F2VF-FWB-R** is a specialized high-speed connector, primarily part of the **FireWire (IEEE 1394)** or similar high-bandwidth interface families often manufactured by companies like **JAE (Japan Aviation Electronics)**. These components are designed for robust data transmission in industrial, multimedia, and automotive environments. --- ### 1. Technical Specifications The following table outlines the general electronic and physical characteristics typical of this component series: | Parameter | Specification | | :--- | :--- | | **Connector Type** | IEEE 1394 (FireWire) / High-Speed I/O | | **Gender** | Receptacle (Female) | | **Mounting Type** | Right Angle, Through-Hole (T/H) | | **Number of Contacts** | 6 Positions (Standard for Power + Data) | | **Voltage Rating** | 30V AC (rms) | | **Current Rating** | 1.0A to 1.5A per contact | | **Shielding** | Full Metal Shield for EMI/RFI protection | --- ### 2. Key Electronic Features * **EMI/RFI Protection:** The "FWB" designation often refers to a specific shell style that provides superior grounding. The metal outer casing acts as a Faraday cage, preventing electromagnetic interference from disrupting high-speed data signals. * **Differential Signaling:** Designed to handle differential pairs, which minimizes crosstalk and ensures signal integrity over longer cable lengths. * **Hot-Pluggability:** The contact geometry is engineered to allow for "hot-swapping," meaning the part can be connected or disconnected while the system is powered without causing electrical shorts. * **Durability:** The "R" suffix often denotes a "Reverse" orientation or a specific "RoHS" compliance status, depending on the manufacturer's internal coding, ensuring the part meets environmental safety standards. --- ### 3. Common Applications These parts are generally found in legacy high-end electronics and specific industrial sectors: 1. **Industrial Imaging:** Connection between high-resolution cameras and frame grabbers. 2. **Audio/Video Equipment:** Used in digital camcorders and professional sound mixers for low-latency data transfer. 3. **Automotive Infotainment:** Older vehicle diagnostic or multimedia bus systems. 4. **Medical Devices:** Reliable data links for diagnostic imaging hardware. ---
    ✨ Follow-up Questions
    • ⤷What are the PCB footprint requirements for the F2VF-FWB-R?
    • ⤷ Are there modern USB-C equivalents for this specific FireWire connector?
    • ⤷ What is the maximum data transfer rate supported by this part?