Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F2VS-05-R

  • AI
    The **F2VS-05-R** is a specific model within a series of **Safety Relay Modules** (often associated with brands like IDEC or specialized industrial safety suppliers). These devices are critical in industrial automation to monitor safety circuits and ensure a safe state if a fault or emergency stop is triggered. --- ## Technical Specifications & Electronic Components The "F2VS" series typically refers to compact safety relay modules designed for DIN rail mounting. Below is a breakdown of the electronic and functional aspects of the **F2VS-05-R**: ### 1. Core Specifications | Feature | Description | | :--- | :--- | | **Model Type** | Safety Relay Module (Dual Channel) | | **Input Voltage** | Typically 24V DC | | **Output Configuration** | 2 NO (Normally Open) Safety Contacts | | **Safety Category** | Up to Category 4 / PLe (depending on wiring) | | **Response Time** | < 20ms (Typical for safety shut-off) | | **Mounting** | 35mm DIN Rail | ### 2. Internal Electronic Parts The device is comprised of several high-reliability components designed for "fail-safe" operation: * **Force-Guided Relays:** The heart of the module. These are mechanical relays where the NO and NC contacts are mechanically linked. If one contact welds, the other cannot move, allowing the system to detect the failure. * **Optocouplers:** Used for electrical isolation between the logic/input side and the power/output side to prevent surge damage. * **Redundant Logic Circuits:** Dual-channel internal monitoring. Even if one internal circuit fails, the other can still initiate a safety shutdown. * **LED Indicators:** Surface-mounted diodes (SMDs) that provide visual feedback for Power, Input Channel 1, Input Channel 2, and Output status. --- ## Functional Electronics Overview ### Wiring and Connectivity The "05-R" variant usually features specific terminal arrangements for simplified wiring: 1. **Power Supply (A1/A2):** Terminals for the 24V DC input to power the internal logic. 2. **Safety Inputs (S11-S12 / S21-S22):** These monitor Emergency Stop buttons, light curtains, or safety switches. 3. **Feedback Loop (S31-S32):** Used for monitoring external contactors to ensure they have actually opened. 4. **Safety Outputs (13-14 / 23-24):** The dry contacts that break the power to the machine's motor starters or actuators. ### Safety Logic Performance The electronic design ensures: * **Cross-fault monitoring:** Detects short circuits between the two input channels. * **Self-Monitoring:** The device checks its own internal relays every time it is cycled. * **Non-Volatile Safety:** If power is lost, the relays automatically drop to the "Open" (Safe) position. --- ## Applications The **F2VS-05-R** is commonly used in: * **Emergency Stop Circuits:** Ensuring a machine stops immediately when a button is pressed. * **Interlock Switches:** Monitoring whether a safety gate is open or closed. * **Light Curtains:** Processing the OSSD signals from optical sensors to disable hazardous movement.
    ✨ Follow-up Questions
    • ⤷ What is the specific current rating for the NO safety contacts on the F2VS-05-R?
    • ⤷ How do you wire the feedback loop for an external contactor on this module?
    • ⤷ What are the primary differences between the R-suffix and standard models in this series?