Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F2VS-B0-R

  • AI
    The **F2VS-B0-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Fuse**, often associated with the protection of lithium-ion battery packs or high-current DC circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The F2VS series represents a compact, surface-mount type fuse designed to handle significant current loads while maintaining a small footprint. It is frequently utilized in mobile devices, power tools, and battery management systems (BMS). | Feature | Description | | :--- | :--- | | **Component Type** | SMD Fuse / Battery Protector | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Primary Function** | Overcurrent Protection | | **Typical Application** | Lithium-ion battery packs, Tablets, Notebooks | --- ## 2. Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like **Dexerials** or **Sony Chemical**), the "B0" and "R" suffixes denote specific ratings and packaging. ### Key Electrical Ratings * **Rated Current:** Typically ranges from 12A to 15A (depending on the specific sub-series). * **Rated Voltage:** Usually rated for 36V DC to 60V DC. * **Breaking Capacity:** Designed to safely interrupt short-circuit currents without physical casing failure. * **Resistance:** Low internal resistance to prevent power loss and heat generation during normal operation. ### Mechanical Packaging * **"R" Suffix:** Usually indicates **Tape and Reel** packaging for automated pick-and-place assembly. * **Form Factor:** Compact rectangular body designed for high-density PCB layouts. --- ## 3. Operating Principle These parts often function as **Self-Control Protectors (SCP)**. Unlike a standard thermal fuse, some versions of the F2VS series include a heater element. 1. **Overcurrent Protection:** If the current exceeds the rated limit, the fuse element melts, breaking the circuit. 2. **Overvoltage Protection:** In some configurations, if a charging IC detects an overvoltage, it activates an internal heater within the F2VS-B0-R. This heater melts the fuse element internally, permanently disconnecting the battery for safety. --- ## 4. Typical Applications The F2VS-B0-R is critical in environments where battery safety is paramount: * **Smartphones & Tablets:** Protects sensitive logic boards from battery surges. * **Power Tool Battery Packs:** Handles high discharge currents while providing a safety cutoff. * **E-Bikes:** Acts as a secondary safety layer in the BMS. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard SMD fuse and a Self-Control Protector (SCP) like the F2VS?
    • ⤷ How do I identify the specific current rating for the B0 variant?
    • ⤷ What are the recommended soldering profiles for this component?