Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • F6406GP-S08-R

  • AI
    ## F6406GP-S08-R: Electronic Specifications and Overview The **F6406GP-S08-R** is a high-performance **N-Channel Enhancement Mode Power MOSFET**. It is commonly utilized in power management applications due to its low on-resistance and efficient switching capabilities. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the F6406GP-S08-R: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 6.0 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 (at $V_{GS}=10V$) | mΩ | | **Total Gate Charge** | $Q_g$ | 5.5 | nC | | **Package Type** | SOP-8 | Surface Mount | - | --- ### 2. Physical and Packaging Details The suffix in the part number provides specific information about the packaging: * **S08**: Refers to the **SOP-8** (Small Outline Package) 8-pin package. * **R**: Typically denotes **Tape & Reel** packaging for automated assembly. * **GP**: Often indicates a **Green Product** (Halogen-free and RoHS compliant). #### Pin Configuration (SOP-8) In a standard SOP-8 N-Channel MOSFET configuration: 1. **Pins 1, 2, 3**: Source (S) 2. **Pin 4**: Gate (G) 3. **Pins 5, 6, 7, 8**: Drain (D) --- ### 3. Key Features * **Low $R_{DS(ON)}$**: Minimizes conduction losses, leading to higher efficiency. * **High Density Cell Design**: Allows for high current handling in a small footprint. * **Fast Switching Speed**: Reduces switching losses in high-frequency applications. * **Logic Level Drive**: Can be triggered by low gate voltages, making it compatible with many microcontrollers. --- ### 4. Common Applications The F6406GP-S08-R is versatile and widely used in: * **DC-DC Converters**: Used as a switch in buck or boost regulators. * **Battery Protection**: Ideal for Li-ion battery management systems. * **Load Switching**: Acting as a digital switch for peripherals in portable electronics. * **Motor Drivers**: Small DC motor control circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the F6406GP-S08-R in an SOP-8 package?
    • ⤷ Are there P-Channel complementary MOSFETs often paired with this part?
    • ⤷ How does the RDS(on) change if the gate voltage is lowered to 4.5V?