Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FAS-D5-R

  • AI
    The **FAS-D5-R** is a specialized electronic component, typically categorized as a **High-Frequency (HF) RFID Reader/Writer module** or a specific industrial sensor interface, often used in automation and security systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Core Technical Specifications The following table outlines the primary electronic parameters of the FAS-D5-R module: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 5V DC (Typical) | | **Operating Frequency** | 13.56 MHz (High Frequency) | | **Communication Interface** | RS-232 / TTL / USB (Depending on variant) | | **Reading Distance** | 30mm to 100mm (Antenna dependent) | | **Protocol Support** | ISO/IEC 14443A/B, Mifare, ISO 15693 | | **Operating Current** | < 80mA (Active), < 10mA (Standby) | --- ### 2. Key Electronic Components The internal circuitry of the FAS-D5-R generally consists of four main sections: #### A. Microcontroller Unit (MCU) The "brain" of the module handles the data processing, encryption/decryption of RFID signals, and manages the communication protocol used to talk to the host computer or PLC. #### B. RF Frontend (Transceiver) This section includes the oscillator and power amplifier. It generates the **13.56 MHz** carrier wave required to energize passive RFID tags via inductive coupling. #### C. Matching Network & Antenna The "R" in the model name often refers to a specific **Remote or Rigid antenna configuration**. The matching network consists of high-precision capacitors and inductors that ensure maximum power transfer between the reader and the tag. #### D. Voltage Regulator & Filtering To ensure stable operation in industrial environments, the module includes LDO (Low Dropout) regulators and decoupling capacitors to filter out electromagnetic interference (EMI). --- ### 3. Connection Pinout (Typical) If you are integrating this into a PCB or a controller, the pinout usually follows this logic: ```yaml Pin 1: VCC (+5V Power Supply) Pin 2: GND (Ground) Pin 3: TXD (Transmit Data / RS-232) Pin 4: RXD (Receive Data / RS-232) Pin 5: RST (Reset - Active Low) Pin 6: ANT (Antenna Output - if external) ``` --- ### 4. Application Use Cases * **Industrial Automation:** Tracking components on a conveyor belt. * **Access Control:** Integration into turnstiles or secure door locks. * **Kiosk Integration:** Used in vending machines for contactless payments or loyalty cards.
    ✨ Follow-up Questions
    • ⤷ How do I interface the FAS-D5-R with an Arduino or Raspberry Pi?
    • ⤷ What is the maximum data transfer rate supported by this module?
    • ⤷ Can the FAS-D5-R read NFC-enabled smartphones?