Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FCR-35-R

  • AI
    The **FCR-35-R** is a specific electronic component, typically categorized as a **High-Frequency Fixed Resistor** or a **Feed-Through Capacitor** depending on the specific manufacturer series (often associated with brands like Noble or TDK in industrial applications). However, in the context of general electronic components, it most commonly refers to a **Flame Retardant Carbon Film Resistor** or a specific **Ceramic Resistor** variant. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the FCR (Flame Retardant Carbon) series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Range** | 1Ω to 10MΩ | Standard E-24 series values. | | **Power Rating** | 0.25W to 0.5W | Power dissipation at 70°C. | | **Tolerance** | ±5% (J) | Standard industrial variance. | | **Operating Temp** | -55°C to +155°C | Thermal stability range. | | **Voltage Rating** | 250V - 350V | Maximum working voltage. | --- ### 2. Electronic Composition The "R" suffix usually denotes **RoHS Compliance** or **Reel Packaging**, while "35" often indicates a physical size code or a specific power factor. 1. **Resistive Element:** A thin film of carbon is deposited onto a high-grade ceramic rod. 2. **Termination:** The leads are usually made of solder-plated copper (or copper-clad steel) to ensure low resistance at the connection points. 3. **Coating:** The "FC" in the name often stands for "Flame Coating." It is insulated with a non-flammable silicone or epoxy resin that prevents the component from catching fire during an electrical overload. --- ### 3. Key Electronic Functions * **Current Limiting:** Protects sensitive components (like LEDs or ICs) by restricting current flow. * **Voltage Division:** Used in circuit bias networks to step down voltages. * **Safety Fusing:** Due to its flame-retardant nature, it acts as a "sacrificial" component that opens the circuit safely under fault conditions without producing sparks. --- ### 4. Circuit Symbol Representation In a schematic, this component is represented by a standard resistor symbol, but the BOM (Bill of Materials) will specify the flame-retardant rating. ```text Standard Resistor Symbol ----[######]---- R1 FCR-35-R ```
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your FCR-35-R component?
    • ⤷ Can this component be substituted with a Metal Film resistor?
    • ⤷ How does the 'Flame Retardant' rating affect its performance in high-heat environments?