Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FLCS-3A-R/Q

  • AI
    The **FLCS-3A-R/Q** is a high-performance, single-axis fiber optic gyroscope (FOG) sensor module. It is primarily used in aerospace, maritime, and robotic applications for precise angular rate sensing and stabilization. --- ## 1. Core Electronic Specifications The "R/Q" suffix typically denotes specific output protocols or accuracy grades within the series. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | +5V DC (Standard) | | **Power Consumption** | ≤ 3W (Steady state) | | **Interface Type** | RS-422 (Digital) or Analog | | **Sampling Rate** | Up to 1000 Hz | | **Measurement Range** | ±300°/s to ±500°/s (Variant dependent) | | **Communication Protocol** | Asynchronous Serial (UART) | --- ## 2. Internal Electronic Components The device operates on the **Sagnac Effect**, translated into electronic signals via these sub-assemblies: ### A. The Optical Path (Source & Detector) * **SLD (Superluminescent Diode):** The light source. It requires precise current control to maintain constant light intensity and wavelength stability. * **Photodetector:** Converts the returning interference light pattern into a low-level electrical current. ### B. Signal Processing Unit (SPU) * **FPGA/DSP Architecture:** The heart of the FLCS-3A. It performs high-speed phase modulation and demodulation. * **Closed-loop Control:** It uses a digital closed-loop feedback mechanism to linearize the output and increase the dynamic range. ### C. Thermal Management * **Temperature Sensor:** An internal thermistor or digital sensor monitors the fiber coil temperature. * **Compensation Circuitry:** Since FOGs are sensitive to temperature gradients, the internal electronics apply real-time bias and scale factor corrections based on thermal data. --- ## 3. Connector Pinout (Typical RS-422) *Note: Always refer to the specific datasheet provided by the manufacturer (e.g., Fizoptika) as pinouts can vary.* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | VCC | +5V Power Input | | 2 | GND | Power Ground | | 3 | TX+ | RS-422 Transmit Positive | | 4 | TX- | RS-422 Transmit Negative | | 5 | Case GND | Shielding/Chassis Ground | --- ## 4. Key Electronic Advantages 1. **Solid State Construction:** No moving parts, leading to high MTBF (Mean Time Between Failures). 2. **Low Latency:** The digital processing allows for near-instantaneous feedback for flight control systems. 3. **High EMI Immunity:** Because the sensing element is optical fiber, it is less susceptible to electromagnetic interference than MEMS or mechanical gyros.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'Q' versions of this sensor?
    • ⤷ How do I interface the RS-422 output with a standard micro-controller?
    • ⤷ What are the specific bias stability ratings for the FLCS-3A series?