AI

The **FNQ-R-1/4** is a high-performance industrial fuse belonging to the **Limitron™** family. It is specifically designed as a "Class CC" fuse, which is a North American standard for small, space-saving fuses with high rejection capabilities.
---
## 1. Technical Specifications
Below are the primary electrical and physical parameters for the FNQ-R-1/4:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Bussmann (by Eaton) |
| **Amperage Rating** | 1/4 Amp (0.25A) |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps (200kA) RMS Sym. |
| **Fuse Class** | Class CC |
| **Time Characteristics** | Time-Delay (Slow Blow) |
| **Physical Size** | 13/32" x 1-1/2" (10.3 x 38.1 mm) |
| **Body Material** | Melamine Tube |
---
## 2. Key Electronic Features
### A. Time-Delay Characteristic
Unlike "Fast-Acting" fuses, the FNQ-R-1/4 is designed with a **Time-Delay** feature. This allows the fuse to withstand temporary surge currents (such as motor startup or transformer inrush) without blowing, while still providing reliable protection against sustained overloads and short circuits.
### B. Current Limitation
The FNQ-R-1/4 is highly **Current-Limiting**. In the event of a massive short circuit, the fuse reacts fast enough to stop the current flow before it reaches its full peak, significantly reducing the "let-through" energy that could damage downstream components.
### C. Rejection Feature
As a **Class CC** fuse, it features a physical "rejection tip" on one end. This ensures that:
1. It can only be inserted into a Class CC fuse holder.
2. It prevents a user from accidentally replacing it with a lower-rated fuse (like a standard midget fuse) that lacks the same interrupting capacity.
---
## 3. Typical Applications
Because of its 1/4 Amp rating and time-delay nature, this fuse is commonly found in the following electronic and electrical environments:
* **Control Transformers:** Protecting the primary side of small control power transformers.
* **Solenoids and Inductive Loads:** Circuits that experience high momentary "inrush" currents.
* **Industrial Control Panels (ICP):** Used where space is limited but high interrupt ratings (200kA) are required by code.
* **Branch Circuit Protection:** Specific applications requiring specialized Class CC protection.
---
## 4. Comparison: FNQ-R vs. FNQ
It is important not to confuse the **FNQ-R** with the standard **FNQ** series:
* **FNQ-R (Class CC):** Has the rejection tip, 200kA interrupting rating, and is branch-circuit rated.
* **FNQ (Midget):** No rejection tip, lower interrupting rating (usually 10kA), and is intended for supplemental protection only.
- ⤷
What is the difference between a Class CC fuse and a Midget fuse in industrial applications?
- ⤷ Can an FNQ-R-1/4 be used in a DC circuit
- ⤷ or is it strictly for AC?
- ⤷ What are the recommended fuse holders for the FNQ-R series?