Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FNS-E4-R

  • AI
    The **FNS-E4-R** is an electronic component part of the **FNS series** of digital indicators/displays, commonly used in industrial weighing systems, pressure monitoring, and process control. It is specifically designed as a high-performance panel meter. --- ### 1. Key Technical Specifications The FNS-E4-R is a programmable digital indicator. Below are its primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Display Type** | 4-digit LED (typically Red) | | **Input Signal** | Analog (0-10V, 4-20mA, or mV depending on configuration) | | **Power Supply** | 100–240V AC or 24V DC (Model dependent) | | **Sampling Rate** | High speed (often up to 100-500 times/sec) | | **Output Type** | Relay Output (The "R" in the suffix usually denotes Relay) | | **Accuracy Class** | 0.1% or 0.2% Full Scale | --- ### 2. Core Electronic Functions The internal circuitry of the FNS-E4-R focuses on signal processing and automation: #### A. Analog-to-Digital Conversion (ADC) The unit features a high-resolution ADC that converts incoming analog signals from sensors (like load cells or pressure transducers) into digital values for the processor to scale and display. #### B. Relay Control (The "R" Suffix) The **-R** indicates that this specific model includes **Relay Outputs**. These are used for: * **Limit Switching:** Triggering an alarm if a value is too high or low. * **Batching:** Stopping a pump or motor once a specific weight or pressure is reached. * **Safety Interlocks:** Cutting power to machinery if parameters exceed safe thresholds. #### C. Signal Conditioning It includes noise filters to stabilize readings in electronically noisy industrial environments, ensuring that EMF (Electromotive Force) from nearby motors doesn't cause display "flicker." --- ### 3. Connection and Wiring Electronic integration typically follows this terminal layout: 1. **Power Terminals:** Connection for the main supply voltage. 2. **Input Terminals:** Differential inputs for the sensor signal (Excitation +/-, Signal +/-). 3. **Relay Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for external control. --- ### 4. Typical Applications * **Weight Measurement:** Connecting to a bridge-type load cell. * **Pressure Monitoring:** Displaying PSI/Bar from a 4-20mA transmitter. * **Level Control:** Managing tank levels via float sensors or ultrasonic transducers.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the relay outputs on the FNS-E4-R?
    • ⤷ Can the FNS-E4-R be calibrated for non-linear sensor inputs?
    • ⤷ What is the difference between the FNS-E4-R and the FNS-E4-S models?