FPK-R-10A
AI

## FPK-R-10A: Electronic Specifications and Overview
The **FPK-R-10A** is a specialized power fuse, typically categorized as a Class CC, fast-acting (non-time delay) fuse. These components are designed to protect sensitive electronic circuits and industrial equipment from overcurrent conditions.
### 1. General Specifications
The following table outlines the primary electrical characteristics of the FPK-R-10A:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 10 Amperes |
| **Voltage Rating (AC)** | 600V AC |
| **Voltage Rating (DC)** | 300V DC (varies by manufacturer) |
| **Interrupting Rating** | 200,000A RMS Symmetrical |
| **Fuse Class** | Class CC |
| **Response Characteristic** | Fast-Acting / Non-Time Delay |
| **Body Material** | Melamine or Ceramic |
---
### 2. Physical Dimensions
Class CC fuses like the FPK-R-10A have a standardized physical footprint to ensure rejection-type safety (preventing the installation of lower-rated fuses in high-rated holders).
* **Diameter:** 13/32 inch (approx. 10.3 mm)
* **Length:** 1-1/2 inches (approx. 38.1 mm)
* **Termination:** Ferrule with a rejection tip (a small notch at one end).
---
### 3. Key Electronic Functions
The FPK-R-10A serves three critical roles in an electronic assembly:
* **Short-Circuit Protection:** Due to its high interrupting rating (200kA), it can safely clear high-energy faults without exploding or causing fire.
* **Current Limiting:** It is a "Current Limiting" fuse, meaning it reacts so quickly that it stops the peak current from reaching its full potential during a short circuit.
* **Rejection Feature:** The physical design ensures that it cannot be replaced by a general-purpose Midget fuse, which might have a lower interrupting capacity.
---
### 4. Common Applications
This specific fuse is most commonly found in:
1. **Control Transformers:** Protecting the primary side of the circuit.
2. **Lighting Balasts:** Shielding sensitive electronics from surges.
3. **Industrial Control Panels:** Protecting PLC (Programmable Logic Controller) inputs and outputs.
4. **Solenoids:** Quick disconnect in case of a coil failure.
---
### 5. Identification Code Breakdown
The part number can generally be decoded as follows:
* **FPK:** Product Series (Fast-acting Power).
* **R:** Rejection-type feature (Class CC).
* **10A:** 10 Ampere current capacity.
- ⤷
What is the difference between a Fast-Acting fuse and a Time-Delay fuse for this model?
- ⤷ Which fuse holders are compatible with the Class CC rejection tip?
- ⤷ Can the FPK-R-10A be used in DC solar power applications?