FPK-R-2.5A
AI

The **FPK-R-2.5A** is a specialized high-voltage power fuse designed primarily for the protection of microwave oven transformers and high-voltage circuits. Below is a detailed technical breakdown of its specifications and characteristics.
---
### 1. General Specifications
The FPK-R-2.5A is classified as a **Time-Delay (Slow-Blow)** high-voltage fuse. Unlike standard automotive or household fuses, it is built to withstand high-voltage spikes and the inductive inrush currents common in power transformers.
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 2.5 Amperes |
| **Voltage Rating** | 5kV (5000V) AC |
| **Fuse Type** | Glass or Ceramic Tube (High Voltage) |
| **Response Characteristic** | Time-Delay / Slow-Blow |
| **Dimensions** | Typically 6mm x 40mm (Standard HV Size) |
---
### 2. Key Internal Components
The construction of this fuse is engineered to handle extreme electrical stress:
* **Fuse Element:** A spring-loaded or coiled wire filament designed to absorb short-duration surges (like when a microwave starts) without blowing, but melting if a sustained overcurrent occurs.
* **Encapsulation:** Usually a reinforced glass or ceramic body to prevent the casing from shattering under high-pressure arcs.
* **Arc Quenching:** Many versions are filled with sand or a specific gas to extinguish the electrical arc that forms when the fuse blows at 5,000V.
---
### 3. Application and Function
This part is most commonly found in **Microwave Ovens** and **Industrial Power Supplies**. Its primary roles include:
1. **Transformer Protection:** It sits between the high-voltage transformer and the magnetron.
2. **Inrush Management:** It ignores the massive initial current draw required to magnetize the transformer core.
3. **Fault Isolation:** If the high-voltage capacitor shorts or the magnetron fails, the fuse breaks the circuit to prevent the transformer from overheating or catching fire.
---
### 4. Comparison with Standard Fuses
It is critical **not** to replace an FPK-R-2.5A with a standard 250V fuse, even if the amperage (2.5A) is the same.
| Feature | FPK-R-2.5A (HV) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Voltage Limit** | 5,000V | 125V - 250V |
| **Safety** | Prevents arcing across blown gap | May allow arc to continue, causing fire |
| **Physical Length** | 40mm (prevents "jumping") | 20mm or 30mm |
---
- ⤷
What are the safety risks of using a 250V fuse instead of the FPK-R-2.5A?
- ⤷ How can I test if an FPK-R-2.5A fuse is blown using a multimeter?
- ⤷ Does the 'R' in the part number signify a specific mounting style or UL rating?