Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FPK-R-25A

  • AI
    The **FPK-R-25A** refers to a high-performance, Class CC current-limiting time-delay fuse, typically manufactured by brands like **Eaton (Bussmann Series)**. These are designed for space-constrained industrial control circuits and motor protection. --- ### 1. Technical Specifications Below are the primary electronic and physical parameters for the FPK-R-25A: | Feature | Specification | | :--- | :--- | | **Current Rating** | 25 Amperes | | **Voltage Rating (AC)** | 600 Vac (Standard) | | **Voltage Rating (DC)** | 300 Vdc (Typical) | | **Interrupting Rating** | 200,000A RMS Symmetrical (at 600Vac) | | **Fuse Class** | Class CC | | **Characteristics** | Time-Delay / Dual-Element | | **Material** | Melamine tube with Nickel-plated brass endcaps | --- ### 2. Key Electronic Components & Design The "electronic" functionality of this part is passive, relying on material science to provide circuit protection: * **Rejection Feature:** The "R" in the part number signifies the rejection tip. This is a physical notch on the endcap that prevents the installation of fuses with lower interrupting ratings (like Class M midget fuses) into a Class CC fuse holder. * **Time-Delay Element:** This part is designed with a specific thermal curve. It allows for temporary "inrush" currents (common in motors or transformers) without blowing, but will trigger quickly during a sustained overload or a massive short circuit. * **Arc Quenching Material:** The interior of the melamine tube is filled with high-purity silica sand. When the fuse element melts during a fault, the sand absorbs the energy and extinguishes the electrical arc. --- ### 3. Common Applications The FPK-R-25A is used primarily in environments where high "fault currents" are possible but space is limited: 1. **Motor Control Circuits:** Protecting branch circuits and motor controllers. 2. **Transformer Protection:** Handling the high initial magnetization current of control transformers. 3. **Industrial PLC Panels:** Ensuring that a short circuit in one area doesn't damage expensive logic controllers. 4. **Solenoids:** Providing localized protection for inductive loads. --- ### 4. Comparison with Standard Fuses If you are replacing a fuse, ensure you do not use a "Fast-Acting" fuse in place of the FPK-R-25A, as the lack of time-delay will cause the fuse to blow prematurely during device startup. ```text // Example of how the FPK-R-25A fits into a circuit diagram [Power Source 600V] --> [Disconnect Switch] --> [FPK-R-25A Fuse] --> [Motor/Transformer] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class CC and Class J fuses?
    • ⤷Can I use a 25A fast-acting fuse as a substitute for the FPK-R-25A?
    • ⤷What are the recommended fuse holders for FPK-R-25A fuses?