Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FPM3022H-R010FFP

  • AI
    The **FPM3022H-R010FFP** is a high-precision, low-resistance current sensing resistor (often referred to as a shunt resistor). These components are critical in power management systems for monitoring current flow by measuring the voltage drop across the resistor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Tolerance** | ±1% (denoted by 'F') | | **Power Rating** | 3 Watts | | **Temperature Coefficient (TCR)** | ±50 ppm/°C (typically) | | **Construction** | Metal Plate / Alloy | | **Package Size** | 3022 (Metric) / ~1209 (Imperial equivalent) | --- ### 2. Core Electronic Characteristics #### A. Metal Alloy Construction Unlike standard thick-film resistors, the FPM series utilizes a **solid metal alloy** as the resistive element. This provides: * **High Power Handling:** Better thermal dissipation compared to ceramic-based resistors. * **Low Noise:** Metal alloys produce significantly less thermal noise. * **Pulse Stability:** Capability to withstand high instantaneous current surges without degrading. #### B. Low Temperature Coefficient (TCR) With a low TCR, the resistance remains stable even as the component heats up during operation. This ensures that current measurements remain accurate across a wide temperature range. #### C. Four-Terminal (Kelvin) Potential While many resistors in this series are 2-terminal, the "H" and package style often support wide-terminal configurations. This reduces measurement errors caused by lead resistance and contact resistance, which is vital when dealing with values as low as 10 mΩ. --- ### 3. Application Use Cases This part is primarily found in circuits where power efficiency and monitoring are priorities: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Control:** Detecting over-current conditions or phase currents in brushless DC (BLDC) motors. 4. **Inverters:** Measuring output current in solar or industrial power supplies. --- ### 4. Part Number Breakdown (Typical) * **FPM:** Series identifier (Metal Plate Power Shunt). * **3022:** Physical dimensions (Length x Width). * **H:** High power / High-temperature rating code. * **R010:** Resistance value (0.010 $\Omega$ or 10 m$\Omega$). * **F:** Tolerance (±1%).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the voltage drop across this resistor at 10 Amps?
    • ⤷ What is the importance of the 3022 package size for PCB thermal management?
    • ⤷ Can this resistor be used in AEC-Q200 automotive applications?